Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9230CS Datasheet (PDF) - List of Unclassifed Manufacturers

RT9230CS Datasheet PDF - List of Unclassifed Manufacturers
Part # RT9230CS
Download  RT9230CS Download
File Size   213.13 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER

RT9230CS Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9230CS Datasheet PDF - List of Unclassifed Manufacturers

Part # RT9230CS
Download  RT9230CS Click to download

File Size   213.13 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER

RT9230CS Datasheet (HTML) - List of Unclassifed Manufacturers


RT9230CS Product details

[RichTek]

General Description
The RT9230 is a 4-in-one power controller optimized for high-performance microprocessor and computer applications. The IC integrates two PWM controller, two linear controllers as well as monitoring and protection functions into a 28-pin SOP package. The first PWM controller regulates the microprocessor core voltage with a synchronous buck converter, while the second PWM controller supplies the computer system’s AGP 1.5V or 3.3V bus power with a standard buck converter. The first linear regulator provides power for the 1.5V GTL bus and the second linear regulator provides 1.8V power for the North/South Bridge core voltage and/or cache memory circuits.
The RT9230 features an Intel-compatible, TTL 5-bit programmable DAC that adjusts the core voltage from 2.1V to 3.5V in 0.1V increments and from 1.3V to 2.05V in 0.05V steps. The 5-bit DAC has a typical ±1% tolerance. The second PWM controller is user selectable for output level of 1.5V and 3.3V with ±2.5% accuracy. The linear controllers drives external N-MOSFET or NPN bipolar for the pass transistor to provide fixed output voltages of 1.5V ±3% and 1.8V ±3%.
The RT9230 monitors all the output voltages. A Power -good signal is issued when the core voltage is within ±10% of the DAC setting and the other levels are above their under-voltage levels. Additional build-in over-voltage protection for the core output uses the lower MOSFET to prevent output voltage above 115% of the DAC setting. The PWM over-current function monitors the output current using the voltage drop across the MOSFET’s RDS(ON), which eliminates the need for a current sensing resistor.

Features
● 4-in-one Regulated Voltages for Microprocessor
   Core, AGP Bus, North/South Bridge and/or
   Cache Memory, GTL Bus Power
● Compatible with HIP6020
● Power-good Output Voltage Monitor

Switching section
● 5-bit DAC Programmable from 1.3V to 3.5V
● ±1% DAC Accuracy
● Fast Transient Response
● Full 0% to 100% Duty Cycle Driver
● Fixed 200kHz Switching Frequency
● Adaptive Non-overlapping Gate Driver
● Over-current Monitor Uses MOSFET RDS(ON)
● Over-voltage Protection Uses Lower MOSFET

Linear Section
● Fixed Linear Regulator Output Voltage
● MOSFET or NPN Driving Capability
● Ultra Fast Response Speed
● Under-voltage Protection
● Internal Thermal Shutdown

Applications
● Full Motherboard Power Regulation for Computer
● Low-voltage Distributed Power Supplies




Similar Part No. - RT9230CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9231 ETC-RT9231 Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
RT9231-CS ETC-RT9231-CS Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
RT9231-MS ETC-RT9231-MS Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232 Datasheet
217Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
RT9232 RICHTEK-RT9232 Datasheet
387Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
More results


Similar Description - RT9230CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
Advanced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228_07 Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com