Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9230CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT9230CS
Description  1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9230CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT9230CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9230
DS9230-03 July 2001
www.richtek-ic.com.tw
3
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DAC and Standard Buck Regulator Reference
DAC (VID0 ~ VID4) Input Low Voltage
--
--
0.8
V
DAC (VID0 ~ VID4) Input High Voltage
2
--
--
V
DACOUT Voltage Accuracy
DACOUT = 2.05 ~ 3.50V
-1
--
1
%
DACOUT Voltage Accuracy
DACOUT = 1.30 ~ 2.00V
-1%
--
20mV
--
AGP PWM Reference Voltage
SELECT
< 0.8V
--
1.5
--
V
AGP PWM Reference Voltage
SELECT
> 2.0V
--
3.3
--
V
AGP PWM Reference Voltage Tolerance
-2.5
--
2.5
%
1.5V and 1.8V Linear Regulators (VOUT3 and VOUT4)
Regulation
-3
--
3
%
VSEN3 Under-voltage Level
VSEN3 Rising
--
1.125
--
V
VSEN3 Under-voltage Hysteresis
VSEN3 Falling
--
100
--
mV
VSEN4 Under-voltage Level
VSEN4 Rising
--
1.350
--
V
VSEN4 Under-voltage Hysteresis
VSEN4 Falling
--
100
--
mV
Output Drive Current
VAUX = 5V
20
40
--
mA
Synchronous PWM Controller Error Amplifier
DC Gain
--
65
--
dB
PWM Controller Gate Driver
UGATE 1 (and 2) Source
RUGATE VCC = 12V, VCC-VUGATE = 1V
--
4
7
Ω
UGATE 1 (and 2) Sink
RUGATE VUGATE = 1V
--
3
7
Ω
LGATE Source
ILGATE1 VCC = 12V, VLGATE1 = 2V
--
1
--
A
LGATE Sink
RLGATE1 VLGATE1 = 1V
--
2
6
Ω
Protection
VSEN1 Over-voltage (VSEN1/DACOUT)
VSEN1 Rising
112
115
120
%
FAULT Sourcing Current
VFAULT/RT = 2.0V
10
14
--
mA
OCSET1, 2 Current Source
IOCSET
VOCSET = 4.5V
170
200
230
µA
Soft-start Current
ISS
--
28
--
µA
Power Good
VOUT1 Upper Threshold
VSEN1 Rising
108
--
112
%
VOUT1 Under Voltage
VSEN1 Rising
87
--
95
%
VOUT1 Hysteresis (VSEN1/DACOUT)
Upper/Lower Threshold
--
2
--
%
PGOOD Voltage Low
VPGOOD IPGOOD = -4mA
--
--
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com