Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9230CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9230CS
Description  1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9230CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9230CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9230
DS9230-03 July 2001
www.richtek-ic.com.tw
1
1.5V Advanced Dual PWM and Dual Linear Power Controller
General Description
The RT9230 is a 4-in-one power controller optimized
for high-performance microprocessor and computer
applications. The IC integrates two PWM controller,
two linear controllers as well as monitoring and
protection functions into a 28-pin SOP package. The
first PWM controller regulates the microprocessor
core voltage with a synchronous buck converter,
while the second PWM controller supplies the
computer system’s AGP 1.5V or 3.3V bus power with
a standard buck converter. The first linear regulator
provides power for the 1.5V GTL bus and the second
linear regulator provides 1.8V power for the
North/South Bridge core voltage and/or cache
memory circuits.
The RT9230 features an Intel-compatible, TTL 5-bit
programmable DAC that adjusts the core voltage
from 2.1V to 3.5V in 0.1V increments and from 1.3V
to 2.05V in 0.05V steps. The 5-bit DAC has a typical
±1% tolerance. The second PWM controller is user-
selectable for output level of 1.5V and 3.3V with
±2.5% accuracy. The linear controllers drives
external N-MOSFET or NPN bipolar for the pass
transistor to provide fixed output voltages of 1.5V
±3% and 1.8V ±3%.
The RT9230 monitors all the output voltages. A
Power -good signal is issued when the core voltage
is within
±10% of the DAC setting and the other
levels
are
above
their
under-voltage
levels.
Additional build-in over-voltage protection for the
core output uses the lower MOSFET to prevent
output voltage above 115% of the DAC setting. The
PWM over-current function monitors the output
current using the voltage drop across the MOSFET’s
RDS(ON), which eliminates the need for a current
sensing resistor.
Ordering Information
RT9230
Features
4-in-one Regulated Voltages for Microprocessor
Core, AGP Bus, North/South Bridge and/or
Cache Memory, GTL Bus Power
Compatible with HIP6020
Power-good Output Voltage Monitor
Switching section
5-bit DAC Programmable from 1.3V to 3.5V
±±±±1% DAC Accuracy
Fast Transient Response
Full 0% to 100% Duty Cycle Driver
Fixed 200kHz Switching Frequency
Adaptive Non-overlapping Gate Driver
Over-current Monitor Uses MOSFET RDS(ON)
Over-voltage Protection Uses Lower MOSFET
Linear Section
Fixed Linear Regulator Output Voltage
MOSFET or NPN Driving Capability
Ultra Fast Response Speed
Under-voltage Protection
Internal Thermal Shutdown
Applications
Full Motherboard Power Regulation for Computer
Low-voltage Distributed Power Supplies
Pin Configurations
Part Number
Pin Configurations
RT9230CS
(Plastic SOP-28)
TOP VIEW
Operating temperature range
C: Commercial standard
Package type
S : SOP-28
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
27
28
13
14
16
15
PHASE2
VID4
VID3
VID2
VID1
VID0
PGOOD
OCSET2
VSEN2
UGATE2
SS
SELECT
FAULT
VSEN4
LGATE1
VCC
UGATE1
PHASE1
PGND
OCSET1
VSEN1
FB1
VSEN3
DRIVE3
GND
NC
VAUX
DRIVE4


Similar Part No. - RT9230CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9231 ETC-RT9231 Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
RT9231-CS ETC-RT9231-CS Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
RT9231-MS ETC-RT9231-MS Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232 Datasheet
217Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
RT9232 RICHTEK-RT9232 Datasheet
387Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
More results

Similar Description - RT9230CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
Advanced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228_07 Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com