Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9230CS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RT9230CS
Description  1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9230CS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RT9230CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9230
DS9230-03 July 2001
www.richtek-ic.com.tw
5
Functional Pin Description
UGATE1, UGATE2 (Pins 27 and 1)
Connect UGATE pins to the respective PWM
converter’s upper MOSFET gate. This pin provides
the gate drive for the upper MOSFETs.
PHASE1, PHASE2 (Pins 26 and 2)
Connect the PHASE pins to the PWM converter’s
upper MOSFET source. These pins are used to
monitor the voltage drop across the upper MOSFETs
for over-current protection.
VID0, VID1, VID2, VID3, VID4 (Pin 7, 6, 5, 4, and 3)
VID0-4 are TTL-compatible the input pins to the 5-bit
DAC. The state logic of these five pins program the
internal voltage reference, DACOUT. The level of
DACOUT sets the microprocessor core converter
output voltage, as well as the corresponding PGOOD
and OVP thresholds. Table 1 specifies the DACOUT
voltage of 32 combinations of VID levels.
PGOOD (Pin 8)
PGOOD is an open collector output used to indicate
the status of the PWM converter output voltage. This
pin is pulled low when the synchronous regulator
output is not within
±10% of the DACOUT reference
voltage, or when any of the other outputs are below
their under-voltage thresholds. The PGOOD output
is open for ‘11111’ VID code.
OCSET1, OCSET2 (Pins 23 and 9)
Connect a resistor (ROCSET) from this pin to the drain
of the upper MOSFET. ROCSET, an internal 200
µA
current source (IOCSET), and the upper MOSFET on-
resistance (RDS(ON)) set the converter over-current
(OC) trip point according to the following equation:
IOCSET×ROCSET
IPEAK =
RDS(ON)
An over-current trip cycles the soft-start function.
The voltage at this pin is monitored for power-on
reset (POR) purposes and pulling this pin low with an
open drain device will shutdown the IC.
VSEN2 (Pin 10)
Connect this pin to the output of the standard buck
PWM regulator. The voltage at this pin is regulated to
the level pre-determined by the logic-level status of
the SELECT pin. This pin is also monitored by the
PGOOD comparator circuit.
SELECT (Pin 11)
This pin determines the output voltage of the AGP
bus switching regulator. A low TTL input sets the
output voltage to 1.5V while a high input sets the
output voltage to 3.3V.
SS (Pin 12)
Connect a capacitor from this pin to ground. This
capacitor, along with an internal 28
µA (VSS>1V)
current source, sets the soft-start interval of the
converter.
FAULT (Pin 13)
This pin is low during normal operation, but it is
pulled to about 8V (VCC = 12V) in the event of an
over-voltage or over-current condition.
VSEN4 (Pin 14)
Connect this pin to the output of the 1.8V regulator.
This pin is monitored for under-voltage events.
DRIVE4 (Pin 15)
Connect this pin to the gate of an external MOSEFT.
This pin provides the drive for the 1.8V regulator’s
pass transistor.
VAUX (Pin 16)
The +3.3V input voltage at this pin is monitored for
power-on reset (POR) purpose. Connected to +5V
input, this pin provides boost current for the two
linear regulator output drives in the event bipolar
NPN transistors (instead of N-channel MOSFETs)
are employed as pass elements.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com