Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9230CS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RT9230CS
Description  1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9230CS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RT9230CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9230CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9230
www.richtek-ic.com.tw
DS9230-03 July 2001
4
Function Block Diagram
110%
90%
115%
POWER-ON
RESET (POR)
SOFT-START
& FAULT
LOGIC
GATE
CONTROL
LOGIC
LINEAR
UNDER
VOLTAGE
PGOOD
PHASE1
LGATE1
PGND
GND
VCC
OCSET1
VSEN1
GATE3
1.26V
DRIVE4
VSEN4
VID1
VID2
VID3
VID4
LUV
OC1
PWM1
LOWER
DRIVE
VCC
VCC
UPPER
DRIVE
UGATE1
200µA
GATE
CONTROL
COMPEN-
SATION
+
_
OSCILLATOR
VCC
28µA
5V
COMPEN-
SATION
TTL D/A
CONVERTER
(DAC)
OCSET2
VCC
PHASE2
UGATE2
VSEN2
SELECT
OC2
1.5V or 3.3V
FAULT
SS
FB1
DACOUT
ERROR
AMP1
PWM
COMP1
ERROR
AMP2
200µA
INHIBIT
PWM
COMP2
PWM2
VID0
VAUX
75%
VSEN3
VAUX
75%
+
INHIBIT
FAULT
DRIVE2
+
OV
_
_
_
_



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com