Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6521 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP6521
Description  PWM and Triple Linear Power Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6521 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP6521 Datasheet HTML 1Page - Renesas Technology Corp HIP6521 Datasheet HTML 2Page - Renesas Technology Corp HIP6521 Datasheet HTML 3Page - Renesas Technology Corp HIP6521 Datasheet HTML 4Page - Renesas Technology Corp HIP6521 Datasheet HTML 5Page - Renesas Technology Corp HIP6521 Datasheet HTML 6Page - Renesas Technology Corp HIP6521 Datasheet HTML 7Page - Renesas Technology Corp HIP6521 Datasheet HTML 8Page - Renesas Technology Corp HIP6521 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HIP6521
FN4837 Rev.5.00
Page 4 of 13
Oct 16, 2006
Absolute Maximum Ratings
Thermal Information
UGATE, BOOT. . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 15V
VCC, PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +7V
DRIVE, LGATE, All Other Pins . . . . . . . GND - 0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TBD
Operating Conditions
Supply Voltage on VCC . . . . . . . . . . . . . . . . . . . . . . . . . . +5V
10%
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Junction Temperature Range. . . . . . . . . . . . . . . . . . . . 0°C to 125°C
Thermal Resistance (Typical, Note 1)
JA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
Maximum Junction Temperature (Plastic Package) . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System
Diagrams, and Typical Application Schematic
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current
ICC
UGATE, LGATE, DRIVE2, DRIVE3, and
DRIVE4 Open
-5-
mA
POWER-ON RESET
Rising VCC Threshold
4.25
-
4.5
V
Falling VCC Threshold
3.75
-
4.0
V
OSCILLATOR AND SOFT-START
Free Running Frequency
FOSC
275
300
325
kHz
Ramp Amplitude
VOSC
-1.5
-
VP-P
Soft-Start Interval
TSS
6.25
6.83
7.40
ms
REFERENCE VOLTAGE
Reference Voltage (All Regulators)
VREF
-
0.800
-
V
All Outputs Voltage Regulation
-2.0
-
+2.0
%
LINEAR REGULATORS (OUT2, OUT3, AND OUT4)
Output Drive Current (All Linears)
VCC > 4.5V
100
120
-
mA
Undervoltage Level (VFB/VREF)VUV
-70-
%
SYNCHRONOUS PWM CONTROLLER ERROR AMPLIFIER
DC Gain
-80-
dB
Gain-Bandwidth Product
GBWP
15
-
-
MHz
Slew Rate
SR
COMP = 10pF
-
6
-
V/
s
PWM CONTROLLER GATE DRIVERS
UGATE Source
IUGATE
VCC = 5V, VUGATE = 2.5V
-
-1
-
A
UGATE Sink
IUGATE
VUGATE-PHASE = 2.5V
-
1
-
A
LGATE Source
ILGATE
VCC = 5V, VLGATE = 2.5V
-
-1
-
A
LGATE Sink
ILGATE
VLGATE = 2.5V
-
2
-
A
PROTECTION
OCSET Current Source
IOCSET
34
40
46
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com