Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6521 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HIP6521
Description  PWM and Triple Linear Power Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6521 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HIP6521 Datasheet HTML 4Page - Renesas Technology Corp HIP6521 Datasheet HTML 5Page - Renesas Technology Corp HIP6521 Datasheet HTML 6Page - Renesas Technology Corp HIP6521 Datasheet HTML 7Page - Renesas Technology Corp HIP6521 Datasheet HTML 8Page - Renesas Technology Corp HIP6521 Datasheet HTML 9Page - Renesas Technology Corp HIP6521 Datasheet HTML 10Page - Renesas Technology Corp HIP6521 Datasheet HTML 11Page - Renesas Technology Corp HIP6521 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
HIP6521
FN4837 Rev.5.00
Page 8 of 13
Oct 16, 2006
equally large amounts of noise. The critical small signal
components are those connected to sensitive nodes or
those supplying critical bypass current.
The power components and the controller IC should be
placed first. Locate the input capacitors, especially the
high-frequency ceramic decoupling capacitors, close to the
power switches. Locate the output inductor and output
capacitors between the MOSFETs and the load. Locate the
PWM controller close to the MOSFETs.
The critical small signal components include the bypass
capacitor for VCC and the feedback resistors. Locate these
components close to their connecting pins on the control IC.
A multi-layer printed circuit board is recommended.
Figure 5 shows the connections of the critical components
in the converter. Note that the capacitors CIN and COUT
each represent numerous physical capacitors. Dedicate
one solid layer for a ground plane and make all critical
component ground connections with vias to this layer.
Dedicate another solid layer as a power plane and break
this plane into smaller islands of common voltage levels.
The power plane should support the input power and
output power nodes. Use copper filled polygons on the top
and bottom circuit layers for the PHASE nodes, but do not
unnecessarily oversize these particular islands. Since the
PHASE nodes are subjected to very high dV/dt voltages,
the stray capacitor formed between these islands and the
surrounding circuitry will tend to couple switching noise.
Use the remaining printed circuit layers for small signal
wiring. The wiring traces from the control IC to the
MOSFET gate and source should be sized to carry 2A peak
currents.
PWM Controller Feedback Compensation
The PWM controller uses voltage-mode control for output
regulation. This section highlights the design consideration
for a PWM voltage-mode controller. Apply the methods and
considerations only to the PWM controller.
Figure 6 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage
(VOUT) is regulated to the Reference voltage level, 0.8V.
The error amplifier (Error Amp) output (VE/A) is compared
with the oscillator (OSC) triangular wave to provide a
pulse-width modulated (PWM) wave with an amplitude of
VIN at the PHASE node. The PWM wave is smoothed by the
output filter (LO and CO).
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
Gain, given by VIN/VOSC, and shaped by the output filter,
with a double pole break frequency at FLC and a zero at
FESR.
FIGURE 5. PRINTED CIRCUIT BOARD POWER PLANES AND
ISLANDS
VOUT1
Q1
Q2
Q3
Q4
+12V
CVCC
VIA CONNECTION TO GROUND PLANE
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT OR POWER PLANE LAYER
LOUT
COUT1
CR1
HIP6521
CIN
COUT2
VOUT2
VOUT3
+5VIN
PGND
LGATE
UGATE
PHASE
DRIVE3
KEY
GND
VCC
DRIVE2
OCSET
ROCSET
COCSET
VOUT4
DRIVE4
+3.3VIN
LIN
Q5
COUT3
COUT4
+
+
+
+
+
FIGURE 6. VOLTAGE-MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
OSC
0.8V
LO
CO
ESR
VIN
VOSC
ERROR
AMP
PWM
DRIVER1
(PARASITIC)
ZFB
+
-
0.8V
RS1
R3
R2
C3
C2
C1
COMP
VOUT
FB
ZFB
HIP6521
ZIN
COMP
DRIVER
DETAILED COMPENSATION COMPONENTS
PHASE
VE/A
+
-
ZIN
RP1
SYNC
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com