Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL1532IRZ Datasheet (PDF) - Renesas Technology Corp

ISL1532IRZ Datasheet PDF - Renesas Technology Corp
Part # ISL1532IRZ
Download  ISL1532IRZ Download
File Size   1731.93 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Channel Differential DSL Line Driver

ISL1532IRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL1532IRZ Datasheet PDF - Renesas Technology Corp

Part # ISL1532IRZ
Download  ISL1532IRZ Click to download

File Size   1731.93 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Channel Differential DSL Line Driver

ISL1532IRZ Datasheet (HTML) - Renesas Technology Corp


ISL1532IRZ Product details

Features
• 450mA output drive capability
• 44.4VP-P differential output drive into 100Ω
• ±5V to ±15V supply operation
• MTPR of -70dB
• Operates down to 2mA per amplifier supply current
• Current control pins
• Channel separation
- 80dB at 500kHz
• Direct pin-to-pin replacement for EL1528
• RoHS compliant




Similar Part No. - ISL1532IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
Dual Channel Differential DSL Line Driver
December 4, 2006
ISL1532IRZ-T13 INTERSIL-ISL1532IRZ-T13 Datasheet
1,008Kb / 19P
Dual Channel Differential DSL Line Driver
December 4, 2006
ISL1532IRZ-T7 INTERSIL-ISL1532IRZ-T7 Datasheet
1,008Kb / 19P
Dual Channel Differential DSL Line Driver
December 4, 2006
More results


Similar Description - ISL1532IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
Dual Channel Differential DSL Line Driver
September 21, 2004
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
-52V Dual Channel Differential DSL Line Driver
September 11, 2006
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
-52V Dual Channel Differential DSL Line Driver
September 11, 2006
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
Dual Channel Differential DSL Line Driver
October 10, 2006
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
Dual Channel Differential DSL Line Driver
March 29, 2007
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
Dual Channel Differential DSL Line Driver
December 4, 2006
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
Dual Channel Differential DSL Line Driver
Jan 31, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com