Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3298EMRTEP Datasheet (PDF) - Renesas Technology Corp

ISL3298EMRTEP Datasheet PDF - Renesas Technology Corp
Part # ISL3298EMRTEP
Download  ISL3298EMRTEP Download
File Size   379.06 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter

ISL3298EMRTEP Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL3298EMRTEP Datasheet PDF - Renesas Technology Corp

Part # ISL3298EMRTEP
Download  ISL3298EMRTEP Click to download

File Size   379.06 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter

ISL3298EMRTEP Datasheet (HTML) - Renesas Technology Corp


ISL3298EMRTEP Product details

Features
• Specifications per DLA VID V62/10602
• Full mil-temp electrical performance from -55°C to +125°C
• Controlled baseline with one wafer fabrication site and one
assembly/test site
• Full homogeneous lot processing in wafer fab
• No combination of wafer fabrication lots in assembly
• Full traceability through assembly and test by date/trace
code assignment
• Enhanced process change notification
• Enhanced obsolescence management
• Eliminates need for up-screening a COTS component
• High ESD protection on RS-485 outputs ±16.5kV HBM
- IEC61000-4-2 contact test method . . . . . . . . . . . . . . . ±7kV
- Class 3 ESD level on all other pins. . . . . . . . . . . .>8kV HBM
• Specified for +125°C operation (VCC ≤ 3.6V only)
• Logic supply pin (VL) eases operation in mixed supply
systems
• Hot plug - Tx output remains tri-state during power-up
• Low Tx leakage allows >256 devices on the Bus
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . up to 16Mbps
• Low quiescent supply current. . . . . . . . . . . . . . . 150µA (Max)
- Very low shutdown supply current . . . . . . . . . . . 1µA (Max)
• -7V to +12V Common Mode Output Voltage Range
(VCC ≤ 3.6V Only)
• Current limiting and thermal shutdown for driver overload
protection (VCC ≤ 3.6V Only)
• Tri-statable Tx output
• 5V tolerant logic input when VCC ≤5V




Similar Part No. - ISL3298EMRTEP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3298EMRTEP INTERSIL-ISL3298EMRTEP Datasheet
404Kb / 9P
9RS-485/RS-422 Transmitter
July 28, 2011
ISL3298EMRTEP-T INTERSIL-ISL3298EMRTEP-T Datasheet
404Kb / 9P
9RS-485/RS-422 Transmitter
July 28, 2011
ISL3298EMRTEP-TK INTERSIL-ISL3298EMRTEP-TK Datasheet
404Kb / 9P
9RS-485/RS-422 Transmitter
July 28, 2011
More results


Similar Description - ISL3298EMRTEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
October 18, 2007
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
September 19, 2007
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
November 19, 2009
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com