Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3298EMRTEP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL3298EMRTEP
Description  16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3298EMRTEP Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL3298EMRTEP Datasheet HTML 1Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 2Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 3Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 4Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 5Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 6Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 7Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 8Page - Renesas Technology Corp ISL3298EMRTEP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN7607 Rev.2.00
Page 1 of 11
Oct 24, 2019
FN7607
Rev.2.00
Oct 24, 2019
ISL3298EMRTEP
16kV ESD Protected, +125°C, 3.0V to 5.5V, TDFN Packaged, Low Power
RS-485/RS-422 Transmitter
DATASHEET
The ISL3298EMRTEP is a ±16.5kV HBM ESD Protected (7kV
IEC61000 contact), 3.0V to 5.5V powered, single transmitter
for balanced communication using the RS-485 and RS-422
standards. This driver has very low bus currents (±40mA);
therefore, it presents less than a 1/8 unit load to the RS-485
bus. This allows more than 256 transmitters on the network
without violating the RS-485 specification 32 unit load
maximum, and without using repeaters.
Hot Plug circuitry ensures that the Tx outputs remain in a high
impedance state while the power supply stabilizes.
The driver on the ISL3298EMRTEP is not limited, so it can achieve
a 16Mbps data rate and is offered in the -55°C to +125°C
temperature range.
This devices also feature a logic supply pin (VL) that sets the
switching points of the DE and DI inputs to be compatible with
a lower supply voltage in mixed voltage systems.
For a companion single RS-485 receiver in micro packages,
see the ISL3282EMRTEP datasheet.
Applications
• Clock distribution
• High node count systems
• Space constrained systems
•Security camera networks
• Building environmental control/lighting systems
• Industrial/process control networks
Related Literature
For a full list of related documents, visit our website:
• ISL3298EMRTEP device page
Features
• Specifications per DLA VID V62/10602
• Full mil-temp electrical performance from -55°C to +125°C
• Controlled baseline with one wafer fabrication site and one
assembly/test site
• Full homogeneous lot processing in wafer fab
• No combination of wafer fabrication lots in assembly
• Full traceability through assembly and test by date/trace
code assignment
• Enhanced process change notification
• Enhanced obsolescence management
• Eliminates need for up-screening a COTS component
• High ESD protection on RS-485 outputs ±16.5kV HBM
- IEC61000-4-2 contact test method . . . . . . . . . . . . . . . ±7kV
- Class 3 ESD level on all other pins. . . . . . . . . . . .>8kV HBM
• Specified for +125°C operation (VCC ≤ 3.6V only)
• Logic supply pin (VL) eases operation in mixed supply
systems
•Hot plug - Tx output remains tri-state during power-up
• Low Tx leakage allows >256 devices on the Bus
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . up to 16Mbps
• Low quiescent supply current. . . . . . . . . . . . . . . 150µA (Max)
- Very low shutdown supply current . . . . . . . . . . . 1µA (Max)
• -7V to +12V Common Mode Output Voltage Range
(VCC ≤ 3.6V Only)
• Current limiting and thermal shutdown for driver overload
protection (VCC ≤ 3.6V Only)
• Tri-statable Tx output
• 5V tolerant logic input when VCC ≤5V
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
FUNCTION
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
HOT
PLUG?
VL
PIN?
TX
ENABLE?
MAXIMUM
QUIESCENT ICC
(µA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL3298EMRTEP
1 Tx
16
NO
YES
YES
YES
150
YES
8-TDFN


Similar Part No. - ISL3298EMRTEP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3298EMRTEP INTERSIL-ISL3298EMRTEP Datasheet
404Kb / 9P
9RS-485/RS-422 Transmitter
July 28, 2011
ISL3298EMRTEP-T INTERSIL-ISL3298EMRTEP-T Datasheet
404Kb / 9P
9RS-485/RS-422 Transmitter
July 28, 2011
ISL3298EMRTEP-TK INTERSIL-ISL3298EMRTEP-TK Datasheet
404Kb / 9P
9RS-485/RS-422 Transmitter
July 28, 2011
More results

Similar Description - ISL3298EMRTEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
October 18, 2007
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
September 19, 2007
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
November 19, 2009
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com