Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6216 Datasheet (PDF) - Renesas Technology Corp

ISL6216 Datasheet PDF - Renesas Technology Corp
Part # ISL6216
Download  ISL6216 Download
File Size   196.13 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precise 2-Phase Buck PWM Controller for Intel® Mobile Voltage Positioning

ISL6216 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6216 Datasheet PDF - Renesas Technology Corp

Part # ISL6216
Download  ISL6216 Click to download

File Size   196.13 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precise 2-Phase Buck PWM Controller for Intel® Mobile Voltage Positioning

ISL6216 Datasheet (HTML) - Renesas Technology Corp


ISL6216 Product details

Features
• 2-Phase or Single Phase Power Conversion
• High Efficiency Current Sensing
- Option for thermal compensation
- Optional Current-Sense Resistor for Precision OverCurrent
• Precision CORE Voltage Regulation
- 1% System Accuracy Over Temperature
• Microprocessor Voltage Identification Input
- 6-Bit VID Input
- 0.700V to 1.708V in 16mV steps
- Programmable Droop Voltage
• DSEN# (STP_CPU#) and DRSEN (DPRSLPVR) logic
inputs for low power states
• DSV voltage input for DEEP SLEEP Mode
• DRSV voltage input for DEEPER SLEEP Mode
• Programmable slew rate control on output voltage
• Excellent Dynamic Response
- Combined Input Voltage Feed-Forward, Average
Current Mode Control and Output Voltage Feedback
• Over-Voltage, Under-Voltage and Over-Current Protection
• 2 or 1 Phase User Selectable Operation
• Power-Good Output and PG_IN input
• User selectable Switching Frequency of 200kHz -1MHz
- 400kHz - 2.0 MHz Effective Ripple Frequency




Similar Part No. - ISL6216

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
logo
Renesas Technology Corp
ISL6210 RENESAS-ISL6210 Datasheet
498Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6210CRZ INTERSIL-ISL6210CRZ Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
logo
Renesas Technology Corp
ISL6210CRZ RENESAS-ISL6210CRZ Datasheet
498Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6210CRZ-T INTERSIL-ISL6210CRZ-T Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
More results


Similar Description - ISL6216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3738 LINER-LTC3738 Datasheet
316Kb / 32P
3-Phase Buck Controller for Intel VRM9/VRM10 with Active Voltage Positioning
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
June 30, 2005
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Linear Technology
LTC3738 LINER-LTC3738_15 Datasheet
325Kb / 32P
3-Phase Buck Controller for Intel VRM9/VRM10 with Active Voltage Positioning
logo
Intersil Corporation
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com