Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50306SC-27 Datasheet (PDF) - Renesas Technology Corp

HSP50306SC-27 Datasheet PDF - Renesas Technology Corp
Part # HSP50306SC-27
Download  HSP50306SC-27 Download
File Size   434.71 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital QPSK Demodulator

HSP50306SC-27 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP50306SC-27 Datasheet PDF - Renesas Technology Corp

Part # HSP50306SC-27
Download  HSP50306SC-27 Click to download

File Size   434.71 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital QPSK Demodulator

HSP50306SC-27 Datasheet (HTML) - Renesas Technology Corp


HSP50306SC-27 Product details

Features
• 25.6MHz or 26.97MHz Clock Rates
• Single Chip QPSK Demodulator with 10kHz Tracking
Loop
• Square Root of Raised Cosine ( = 0.4) Matched
Filtering
• 2.048 MBPS Reconstructed Output Data Stream
• Bit Synchronization with 3kHz Loop Bandwidth
• Internal Equalization for Multipath Distortion
• 6-Bit Real Input: Digitized 10.7MHz or 2.1MHz IF
• Level Detection for External IF AGC Loop
• 0.1s Acquisition Time
• 10-9 BER
• <116mA on +5.0V Supply
Applications
• Cable Data Link Receivers
• Cable Control Channel Receivers




Similar Part No. - HSP50306SC-27

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50306SC-27 INTERSIL-HSP50306SC-27 Datasheet
37Kb / 8P
Digital QPSK Demodulator
1998 02
HSP50306SC-27 INTERSIL-HSP50306SC-27 Datasheet
161Kb / 8P
Digital QPSK Demodulator
July 2004
HSP50306SC-2796 INTERSIL-HSP50306SC-2796 Datasheet
37Kb / 8P
Digital QPSK Demodulator
1998 02
More results


Similar Description - HSP50306SC-27

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
QPSK/BPSK DIGITAL DEMODULATOR
logo
STMicroelectronics
STV0196B STMICROELECTRONICS-STV0196B Datasheet
236Kb / 23P
QPSK/BPSK DEMODULATOR AND FEC IC
Sep-1996
TDA8205 STMICROELECTRONICS-TDA8205 Datasheet
163Kb / 8P
NICAM QPSK DEMODULATOR
Oct-1993
logo
Sony Corporation
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
DVB-S Front-end IC (QPSK demodulator FEC)
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306 Datasheet
37Kb / 8P
Digital QPSK Demodulator
1998 02
logo
Siemens Semiconductor G...
SDA6310 SIEMENS-SDA6310 Datasheet
568Kb / 19P
DSR QPSK-Demodulator
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306_04 Datasheet
161Kb / 8P
Digital QPSK Demodulator
July 2004
logo
AMI SEMICONDUCTOR
AMIS-50051 AMI-AMIS-50051 Datasheet
239Kb / 7P
Digital Demodulator
logo
Synaptics Incorporated.
CX24123 CONEXANT-CX24123 Datasheet
139Kb / 2P
Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
CX24130 CONEXANT-CX24130 Datasheet
209Kb / 2P
Dual Stream QPSK/BPSK Demodulator lC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com