Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50306 Datasheet (PDF) - Intersil Corporation

HSP50306 Datasheet PDF - Intersil Corporation
Part # HSP50306
Download  HSP50306 Download
File Size   37.78 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital QPSK Demodulator

HSP50306 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP50306 Datasheet PDF - Intersil Corporation

Part # HSP50306
Download  HSP50306 Click to download

File Size   37.78 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital QPSK Demodulator

HSP50306 Datasheet (HTML) - Intersil Corporation


HSP50306 Product details

Description
The HSP50306 is a 6-bit QPSK demodulator chip designed for use in high signal to noise environments which have some multipath distortion. The part recovers 2.048 MBPS data from samples of a QPSK modulated 10.7MHz or 2.1MHz carrier. The chip coherently demodulates the waveform, recovers symbol timing, adaptively equalizes the signal to remove multipath distortion, differentially decodes and multiplexes the data decisions. 8-A lock signal is provided to indicate when the tracking loops are locked and the data decisions are valid. To optimize performance, a gain error feedback signal is provided which can be filtered and used to close an I.F. AGC loop around the A/D converter.

Features
• 25.6MHz or 26.97MHz Clock Rates
• Single Chip QPSK Demodulator with 10kHz Tracking Loop
• Square Root of Raised Cosine (α = 0.4) Matched Filtering
• 2.048 MBPS Reconstructed Output Data Stream
• Bit Synchronization with 3kHz Loop Bandwidth
• Internal Equalization for Multipath Distortion
• 6-Bit Real Input: Digitized 10.7MHz or 2.1MHz IF
• Level Detection for External IF AGC Loop
• 0.1s Acquisition Time
• 10-9 BER
• <116mA on +5.0V Supply

Applications
• Cable Data Link Receivers
• Cable Control Channel Receivers




Similar Part No. - HSP50306

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306 Datasheet
161Kb / 8P
Digital QPSK Demodulator
July 2004
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50306SC-27 INTERSIL-HSP50306SC-27 Datasheet
161Kb / 8P
Digital QPSK Demodulator
July 2004
logo
Renesas Technology Corp
HSP50306SC-27 RENESAS-HSP50306SC-27 Datasheet
434Kb / 8P
Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306_04 Datasheet
161Kb / 8P
Digital QPSK Demodulator
July 2004
More results


Similar Description - HSP50306

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
QPSK/BPSK DIGITAL DEMODULATOR
logo
STMicroelectronics
STV0196B STMICROELECTRONICS-STV0196B Datasheet
236Kb / 23P
QPSK/BPSK DEMODULATOR AND FEC IC
Sep-1996
TDA8205 STMICROELECTRONICS-TDA8205 Datasheet
163Kb / 8P
NICAM QPSK DEMODULATOR
Oct-1993
logo
Sony Corporation
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
DVB-S Front-end IC (QPSK demodulator FEC)
logo
Siemens Semiconductor G...
SDA6310 SIEMENS-SDA6310 Datasheet
568Kb / 19P
DSR QPSK-Demodulator
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306_04 Datasheet
161Kb / 8P
Digital QPSK Demodulator
July 2004
logo
AMI SEMICONDUCTOR
AMIS-50051 AMI-AMIS-50051 Datasheet
239Kb / 7P
Digital Demodulator
logo
Synaptics Incorporated.
CX24123 CONEXANT-CX24123 Datasheet
139Kb / 2P
Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
CX24130 CONEXANT-CX24130 Datasheet
209Kb / 2P
Dual Stream QPSK/BPSK Demodulator lC
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
Digital QPSK Demodulator
Jul 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com