Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66591 Datasheet (PDF) - Renesas Technology Corp

M66591 Datasheet PDF - Renesas Technology Corp
Part # M66591
Download  M66591 Download
File Size   1005.44 Kbytes
Page   135 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ASSP (USB2.0 Peripheral Controller)

M66591 Datasheet (PDF)

Go To PDF Page Download Datasheet
M66591 Datasheet PDF - Renesas Technology Corp

Part # M66591
Download  M66591 Click to download

File Size   1005.44 Kbytes
Page   135 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ASSP (USB2.0 Peripheral Controller)

M66591 Datasheet (HTML) - Renesas Technology Corp


M66591 Product details

1.2 Features
♦ Universal Serial Bus Specification Revision 2.0 compliant
♦ Built-in USB transceiver
♦ Supports both Hi-Speed (480M bps) and Full-Speed (12M bps)
♦ USB protocol layer by hardware
• Bit stuffing encoding and decoding
• CRC (Cyclic Redundancy Check) generation and checking
• NRZI (Non Return Zero Invert) encoding and decoding
• Packet detection
• USB address checking
♦ Hi-Speed and Full-Speed detection by hardware
♦ Supports the following USB transfer types
• Control transfer (PIPE0)
• Bulk transfer (PIPE1~PIPE4)
• Interrupt transfer (PIPE5~PIPE6)
♦ Built-in FIFO buffer (3.5K bytes) for endpoints
♦ Up to 7 endpoints selectable
♦ Data transfer condition selectable for each PIPE
• Hi-Speed
- PIPE0: Control transfer, continuous transfer mode, 256-byte FIFO
- PIPE1~2: Bulk in or bulk out transfer, 512-byte FIFO, double buffer
- PIPE3~4: Bulk in or bulk out transfer, 512-byte FIFO, single buffer
- PIPE5~6: Interrupt in transfer, 64-byte FIFO, single buffer
• Full-Speed
- PIPE0: Control transfer, continuous transfer mode, 256-byte FIFO
- PIPE1~2: Bulk in or bulk out transfer, continuous transfer mode, 512-byte FIFO, double buffer
- PIPE3~4: Bulk in or bulk out transfer, continuous transfer mode, 512-byte FIFO, single buffer
- PIPE5~6: Interrupt in transfer, 64-byte FIFO, single buffer
♦ Automatic response for Set Address request
♦ Supports the following input frequency
• 12 / 24 / 48MHz
♦ Supports 16-bit CPU I/F and 8/16-bit DMA transfer
♦ Supports separate/multiplex bus
• 16-bit separate/multiplex bus
♦ Supports 8-bit split bus (DMA interface)
♦ USB status output for power management
♦ 1.8V/3.3V interface power supply




Similar Part No. - M66591

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
ASSP (USB2.0 Peripheral Controller)
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
ASSP (USB2.0 Peripheral Controller)
More results


Similar Description - M66591

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
M66291GP RENESAS-M66291GP Datasheet
892Kb / 126P
ASSP (USB2.0 Device Controller)
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
ASSP (USB2.0 Peripheral Controller)
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
ASSP (USB2.0 Peripheral Controller)
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
ASSP (USB2.0 Peripheral Controller)
2004.10.01
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com