Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66592 Datasheet (PDF) - Renesas Technology Corp

M66592 Datasheet PDF - Renesas Technology Corp
Part # M66592
Download  M66592 Download
File Size   1620.25 Kbytes
Page   129 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ASSP (USB2.0 Peripheral Controller)

M66592 Datasheet (PDF)

Go To PDF Page Download Datasheet
M66592 Datasheet PDF - Renesas Technology Corp

Part # M66592
Download  M66592 Click to download

File Size   1620.25 Kbytes
Page   129 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ASSP (USB2.0 Peripheral Controller)

M66592 Datasheet (HTML) - Renesas Technology Corp


M66592 Product details

1.1 Overview
The M66592 is a USB 2.0 peripheral controller that is compliant with USB (Universal Serial Bus) specification Rev.
2.0 for both Hi-Speed and Full-Speed transfers. This controller has a built-in USB transceiver and supports all of the
transfer types defined by the USB specification. The compact package and low power consumption make it ideal for
use in mobile devices.
The M66592 has a 5 kB built-in buffer memory for data transfers and enables use of up to eight pipes. For pipes 1 to
7, any end point numbers can be assigned, based on the user’s system. The M66592 can be connected to the CPU using
either a separate bus or a multiplex bus. Moreover, a split bus interface (dedicated DMA interface) is provided
independent of the CPU bus interface, making this an ideal choice for systems that require transfer of large volumes
of data at high speed.
1.2 Features
1.2.1 USB Rev. 2.0 Hi-Speed supported
♦ Compliant with USB specification Rev. 2.0
♦ Both Hi-Speed transfer(480 Mbps)and Full-Speed transfer (12 Mbps) are supported
♦ Built-in Hi-Speed / Full-Speed USB transceiver
♦ Can be operated as a Hi-Speed / Full-Speed peripheral controller




Similar Part No. - M66592

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
ASSP (USB2.0 Peripheral Controller)
M66592WG RENESAS-M66592WG Datasheet
1Mb / 127P
ASSP (USB2.0 Peripheral Controller)
More results


Similar Description - M66592

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
M66291GP RENESAS-M66291GP Datasheet
892Kb / 126P
ASSP (USB2.0 Device Controller)
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
ASSP (USB2.0 Peripheral Controller)
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
ASSP (USB2.0 Peripheral Controller)
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
M66591 RENESAS-M66591 Datasheet
1,005Kb / 135P
ASSP (USB2.0 Peripheral Controller)
Nov. 30, 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com