Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596WG Datasheet (PDF) - Renesas Technology Corp

M66596WG Datasheet PDF - Renesas Technology Corp
Part # M66596WG
Download  M66596WG Download
File Size   1631.66 Kbytes
Page   133 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ASSP (USB2.0 Dual Function Controller)

M66596WG Datasheet (PDF)

Go To PDF Page Download Datasheet
M66596WG Datasheet PDF - Renesas Technology Corp

Part # M66596WG
Download  M66596WG Click to download

File Size   1631.66 Kbytes
Page   133 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ASSP (USB2.0 Dual Function Controller)

M66596WG Datasheet (HTML) - Renesas Technology Corp


M66596WG Product details

1.1 Overview
The M66596 is a USB (Universal Serial Bus) Rev. 2.0 host and peripheral controller that supports USB Hi-Speed
and Full-Speed transfers. This controller has a built-in USB transceiver and supports all of the transfer types defined
by the USB specification. M66596 has a compact package and is pin compatible with the peripheral controller
M66592.
The M66596 has a 5 kB built-in buffer memory for data transfers and enables use of up to eight pipes. For pipes 1
to 7, any endpoint numbers can be assigned, based on the user’s system. The controller can be connected to the CPU
using either a separate bus or a multiplex bus. Moreover, a split bus interface (dedicated external DMA interface) is
provided independent of the CPU bus interface, making this an ideal choice for systems that require transfer of large
volumes of data at high speed.
1.2 Features
1.2.1 Built in USB Hi-Speed host and peripheral controller
• USB Hi-Speed host and peripheral controllers are built in 1 chip.
• Both Hi-Speed transfer (480Mbps) and Full-Speed transfer (12Mbps) are supported
• It is possible to change host or peripheral mode by register setup.
• Built-in Hi-Speed / Full-Speed USB transceiver
1.2.2 Reduced power consumption
• 1.5 V core power supply, and selectable bus interface power supply 3.3V or 1.8V.
• Low power consumption makes this ideal for mobile devices
• Low-power mode (power-saving sleep state) supported to reduce power consumption during suspended
operation




Similar Part No. - M66596WG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66596WG RENESAS-M66596WG Datasheet
1Mb / 131P
ASSP (USB2.0 Dual Function Controller)
More results


Similar Description - M66596WG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66291GP RENESAS-M66291GP Datasheet
892Kb / 126P
ASSP (USB2.0 Device Controller)
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
ASSP (USB2.0 Peripheral Controller)
M66596FP RENESAS-M66596FP Datasheet
1Mb / 131P
ASSP (USB2.0 Dual Function Controller)
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
ASSP (USB2.0 Peripheral Controller)
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
M66291 RENESAS-M66291 Datasheet
937Kb / 128P
ASSP (USB2.0 Device Controller)
2004.11.01
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
ASSP (USB2.0 Peripheral Controller)
2004.10.01
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com