Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet (PDF) - NXP Semiconductors

BAS19 Datasheet PDF - NXP Semiconductors
Part # BAS19
Download  BAS19 Download
File Size   56.83 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose diodes

BAS19 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS19 Datasheet PDF - NXP Semiconductors

Part # BAS19
Download  BAS19 Click to download

File Size   56.83 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose diodes

BAS19 Datasheet (HTML) - NXP Semiconductors


BAS19 Product details

DESCRIPTION

The BAS19, BAS20, BAS21 are general purpose diodes fabricated in planar technology, and encapsulated in small SOT23 plastic SMD packages.



FEATURES

• Small plastic SMD package

• Switching speed: max. 50 ns

• General application

• Continuous reverse voltage:

   max. 100 V; 150 V; 200 V

• Repetitive peak reverse voltage:

   max. 120 V; 200 V; 250 V

• Repetitive peak forward current:

   max. 625 mA.



APPLICATIONS

• General purpose switching in e.g. surface mounted circuits.



 




Similar Part No. - BAS19

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Vishay Siliconix
BAS19 VISHAY-BAS19 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS19 TRSYS-BAS19 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19 WTE-BAS19 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zetex Semiconductors
BAS19 ZETEX-BAS19 Datasheet
35Kb / 2P
SILICON HIGH SPEED SWITCHING DIODE
More results


Similar Description - BAS19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
General Purpose Diodes
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
GENERAL PURPOSE DIODES
logo
New Jersey Semi-Conduct...
1S131 NJSEMI-1S131 Datasheet
351Kb / 1P
GENERAL PURPOSE DIODES
1S134 NJSEMI-1S134 Datasheet
351Kb / 1P
General Purpose Diodes
1S922 NJSEMI-1S922 Datasheet
351Kb / 1P
General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
General Purpose Diodes
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com