Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS19
Description  General purpose diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS19 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS19 Datasheet HTML 1Page - NXP Semiconductors BAS19 Datasheet HTML 2Page - NXP Semiconductors BAS19 Datasheet HTML 3Page - NXP Semiconductors BAS19 Datasheet HTML 4Page - NXP Semiconductors BAS19 Datasheet HTML 5Page - NXP Semiconductors BAS19 Datasheet HTML 6Page - NXP Semiconductors BAS19 Datasheet HTML 7Page - NXP Semiconductors BAS19 Datasheet HTML 8Page - NXP Semiconductors BAS19 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 May 26
2
Philips Semiconductors
Product specification
General purpose diodes
BAS19; BAS20; BAS21
FEATURES
• Small plastic SMD package
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage:
max. 100 V; 150 V; 200 V
• Repetitive peak reverse voltage:
max. 120 V; 200 V; 250 V
• Repetitive peak forward current:
max. 625 mA.
APPLICATIONS
• General purpose switching in e.g.
surface mounted circuits.
DESCRIPTION
The BAS19, BAS20, BAS21 are
general purpose diodes fabricated in
planar technology, and encapsulated
in small SOT23 plastic SMD
packages.
PINNING
PIN
DESCRIPTION
1
anode
2
not connected
3
cathode
Fig.1 Simplified outline (SOT23) and symbol.
handbook, halfpage
21
3
MAM185
2
n.c.
1
3
MARKING
Note
1.
∗ = p: Made in Hong Kong.
∗ = t: Made in Malaysia.
TYPE NUMBER
MARKING
CODE (1)
BAS19
JP
∗
BAS20
JR
∗
BAS21
JS
∗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com