Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G02Q Datasheet (PDF) - Diodes Incorporated

74LVC1G02Q Datasheet PDF - Diodes Incorporated
Part # 74LVC1G02Q
Download  74LVC1G02Q Download
File Size   526.03 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE NOR GATE

74LVC1G02Q Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G02Q Datasheet PDF - Diodes Incorporated

Part # 74LVC1G02Q
Download  74LVC1G02Q Click to download

File Size   526.03 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE NOR GATE

74LVC1G02Q Datasheet (HTML) - Diodes Incorporated


74LVC1G02Q Product details

Features
 Grade 1 Ambient Temperature Operation: -40°C to +125°C
 Wide Supply Voltage Range from 1.65V to 5.5V
 ±24mA Output Drive at 3.3V
 CMOS Low Power Consumption
 IOFF Supports Partial-Power-Down Mode Operation
 Inputs Accept up to 5.5V
 ESD Protection Tested per AEC-Q100
 Exceeds 2000V Human Body Model (AEC-Q100-002)
 Exceeds 1000V Charged Device Model (AEC-Q100-011)
 Latch-Up Exceeds 100mA (AEC-Q100-004)
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The 74LVC1G02Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
 Voltage Level Shifting
 General Purpose Logic
 Power-Down Signal Isolation
 Wide Array of Products such as:
 Automotive Applications within Grade 1 Temperature Range
 Industrial Computing/Controls/Automation
 High-Reliability Networking/Communications
 Industrial/Agricultural Equipment




Similar Part No. - 74LVC1G02Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G02 PHILIPS-74LVC1G02 Datasheet
85Kb / 14P
Single 2-input NOR gate
2004 Sep 07
74LVC1G02 NXP-74LVC1G02 Datasheet
87Kb / 14P
Single 2-input NOR gate
Rev. 07-18 July 2007
logo
Diodes Incorporated
74LVC1G02 DIODES-74LVC1G02 Datasheet
200Kb / 11P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 1 - 2
74LVC1G02 DIODES-74LVC1G02 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LVC1G02 NEXPERIA-74LVC1G02 Datasheet
255Kb / 16P
Single 2-input NOR gate
Rev. 15 - 8 February 2022
More results


Similar Description - 74LVC1G02Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
SINGLE 2-INPUT POSITIVE NOR-GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
SINGLE 2 INPUT POSITIVE NOR GATE
Rev 1
logo
Texas Instruments
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
SINGLE 2-INPUT POSITIVE-NOR GATE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com