Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G06Q Datasheet (PDF) - Diodes Incorporated

74LVC1G06Q Datasheet PDF - Diodes Incorporated
Part # 74LVC1G06Q
Download  74LVC1G06Q Download
File Size   523.74 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE INVERTER WITH OPEN DRAIN OUTPUT

74LVC1G06Q Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G06Q Datasheet PDF - Diodes Incorporated

Part # 74LVC1G06Q
Download  74LVC1G06Q Click to download

File Size   523.74 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE INVERTER WITH OPEN DRAIN OUTPUT

74LVC1G06Q Datasheet (HTML) - Diodes Incorporated


74LVC1G06Q Product details

Features
 Grade 1 Ambient Temperature Operation: -40°C to +125°C
 Wide Supply Voltage Range from 1.65V to 5.5V
 24mA Sink Current at 3.3V
 CMOS Low Power Consumption
 IOFF Supports Partial-Power-Down Mode Operation
 Inputs Accept up to 5.5V Regardless of VCC Level
 ESD Protection Tested per AEC-Q100
 Exceeds 2000V Human Body Model (AEC-Q100-002)
 Exceeds 1000V Charged Device Model (AEC-Q100-011)
 Latch-Up Exceeds 100mA (AEC-Q100-004)
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The 74LVC1G06Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
 Voltage Level Shifting
 General Purpose Logic
 Power Down Signal Isolation
 Wide Array of Products such as:
 Automotive Applications within Grade 1 Temperature
Range
 Industrial Computing/Controls/Automation
 High Reliability Networking/Communications
 Industrial/Agricultural Equipment




Similar Part No. - 74LVC1G06Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
Inverter with open-drain output
2004 Sep 07
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
Inverter with open-drain output
Rev. 07-12 July 2007
logo
Diodes Incorporated
74LVC1G06 DIODES-74LVC1G06 Datasheet
216Kb / 10P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 1 - 2
74LVC1G06 DIODES-74LVC1G06 Datasheet
247Kb / 13P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
352Kb / 18P
Inverter with open-drain output Rev. 10 ??29 June 2012
Rev. 10-29 June 2012
More results


Similar Description - 74LVC1G06Q

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_07 Datasheet
78Kb / 6P
Single Inverter with Open Drain Output
February, 2007 ??Rev. 14
logo
Unisonic Technologies
U74LVC1G06 UTC-U74LVC1G06 Datasheet
173Kb / 5P
SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_11 Datasheet
119Kb / 6P
Single Inverter with Open Drain Output
May, 2011 ??Rev. 15
logo
Diodes Incorporated
74AUP1G06 DIODES-74AUP1G06 Datasheet
236Kb / 11P
SINGLE INVERTER WITH OPEN DRAIN OUTPUT
Rev 1
logo
Unisonic Technologies
U74LVC1G06 UTC-U74LVC1G06_15 Datasheet
188Kb / 5P
SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
U74HC1G06 UTC-U74HC1G06_15 Datasheet
179Kb / 5P
SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_18 Datasheet
205Kb / 14P
Single Inverter with Open Drain Output
November, 2018 ??Rev. 16
logo
Unisonic Technologies
U74LVC1G06 UTC-U74LVC1G06_V01 Datasheet
200Kb / 5P
SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_V01 Datasheet
136Kb / 14P
Single Inverter with Open Drain Output
April, 2022 ??Rev. 18
NL17SZ06 ONSEMI-NL17SZ06_V01 Datasheet
170Kb / 13P
Single Inverter with Open Drain Output
March, 2020 - Rev. 12
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com