Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G126Q Datasheet (PDF) - Diodes Incorporated

74LVC1G126Q Datasheet PDF - Diodes Incorporated
Part # 74LVC1G126Q
Download  74LVC1G126Q Download
File Size   404.93 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE BUFFER GATE WITH 3-STATE OUTPUT

74LVC1G126Q Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G126Q Datasheet PDF - Diodes Incorporated

Part # 74LVC1G126Q
Download  74LVC1G126Q Click to download

File Size   404.93 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE BUFFER GATE WITH 3-STATE OUTPUT

74LVC1G126Q Datasheet (HTML) - Diodes Incorporated


74LVC1G126Q Product details

Features
• Grade 1 Ambient Temperature Operation: -40°C to +125°C
• Wide Supply Voltage Range from 1.65V to 5.5V
• ±24mA Output Drive at 3.3V
• CMOS Low Power Consumption
• IOFF Supports Partial-Power-Down Mode Operation
• Inputs Accept up to 5.5V
• ESD Protection Tested per AEC-Q100
 Exceeds 2000V Human Body Model (AEC-Q100-002)
 Exceeds 1000V Charged Device Model (AEC-Q100-011)
• Latch-Up Exceeds 100mA (AEC-Q100-004)
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The 74LVC1G126Q is suitable for automotive applications requiring specific change control; this part is AEC-Q100 qualified, PPAP capable, and manufactured in IATF 16949 certified facilities.

Applications
• Voltage Level Shifting
• General Purpose Logic
• Power Down Signal Isolation
• Wide Array of Products, such as:
 Automotive Applications within Grade 1 Temperature Range
 Industrial Computing/Controls/Automation
 High Reliability Networking/Communications
 Industrial/Agricultural Equipment




Similar Part No. - 74LVC1G126Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G126 PHILIPS-74LVC1G126 Datasheet
94Kb / 17P
Bus buffer/line driver; 3-state
2004 Sep 21
74LVC1G126 NXP-74LVC1G126 Datasheet
90Kb / 16P
Bus buffer/line driver; 3-state
Rev. 07-30 August 2007
74LVC1G126 NXP-74LVC1G126 Datasheet
98Kb / 16P
Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Diodes Incorporated
74LVC1G126 DIODES-74LVC1G126 Datasheet
268Kb / 14P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32103 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
More results


Similar Description - 74LVC1G126Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74LVCE1G125 DIODES-74LVCE1G125 Datasheet
287Kb / 14P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32216 Rev. 2 - 2
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Rev 1
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
MAY 2011
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Rev 1
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Rev 7
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com