Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G126 Datasheet (PDF) - Diodes Incorporated

74LVC1G126 Datasheet PDF - Diodes Incorporated
Part # 74LVC1G126
Download  74LVC1G126 Download
File Size   268.16 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE BUFFER GATE WITH 3-STATE OUTPUT

74LVC1G126 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G126 Datasheet PDF - Diodes Incorporated

Part # 74LVC1G126
Download  74LVC1G126 Click to download

File Size   268.16 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE BUFFER GATE WITH 3-STATE OUTPUT

74LVC1G126 Datasheet (HTML) - Diodes Incorporated


74LVC1G126 Product details

Description
The 74LVC1G126 is a single, non-inverting buffer/bus driver with a 3-state output. The output enters a high-impedance state when a LOW level is applied to the output enable (OE) pin. The device is designed for operation with a power supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed-voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down.

Features
• Wide Supply Voltage Range from 1.65V to 5.5V
• ±24mA Output Drive at 3.3V
• CMOS Low Power Consumption
• IOFF Supports Partial-Power-Down Mode Operation
• Inputs Accept Up to 5.5V
• ESD Protection Tested per JESD 22
    ◾ Exceeds 200V Machine Model (A115)
    ◾ Exceeds 2000V Human Body Model (A114)
    ◾ Exceeds 1000V Charged Device Model (C101)
• Latch-Up Exceeds 100mA per JESD 78, Class I
• Range of Package Options
• Direct Interface with TTL Levels
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Voltage Level Shifting
• General Purpose Logic
• Power Down Signal Isolation
• Wide Array of Products Such as.
    ◾ PCs, Networking, Notebooks, Netbooks, PDAs
    ◾ Tablet Computers, E-Readers
    ◾ Computer Peripherals, Hard Drives, CD/DVD ROM
    ◾ TV, DVD, DVR, Set-Top Box
    ◾ Cell Phones, Personal Navigation/GPS
    ◾ MP3 Players, Cameras, Video Recorders




Similar Part No. - 74LVC1G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G126 PHILIPS-74LVC1G126 Datasheet
94Kb / 17P
Bus buffer/line driver; 3-state
2004 Sep 21
74LVC1G126 NXP-74LVC1G126 Datasheet
90Kb / 16P
Bus buffer/line driver; 3-state
Rev. 07-30 August 2007
74LVC1G126 NXP-74LVC1G126 Datasheet
98Kb / 16P
Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
TECH PUBLIC Electronics...
74LVC1G126 TECHPUBLIC-74LVC1G126 Datasheet
2Mb / 7P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Similar Description - 74LVC1G126

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Rev 1
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
MAY 2011
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Rev 1
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Rev 7
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com