Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G86Q Datasheet (PDF) - Diodes Incorporated

74LVC1G86Q Datasheet PDF - Diodes Incorporated
Part # 74LVC1G86Q
Download  74LVC1G86Q Download
File Size   522.04 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE EXCLUSIVE OR GATE

74LVC1G86Q Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G86Q Datasheet PDF - Diodes Incorporated

Part # 74LVC1G86Q
Download  74LVC1G86Q Click to download

File Size   522.04 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT POSITIVE EXCLUSIVE OR GATE

74LVC1G86Q Datasheet (HTML) - Diodes Incorporated


74LVC1G86Q Product details

Features
 Grade 1 Ambient Temperature Operation: -40°C to +125°C
 Wide Supply Voltage Range from 1.65V to 5.5V
 ±24mA Output Drive at 3.3V
 CMOS Low Power Consumption
 IOFF Supports Partial Power Down Mode Operation
 Inputs Accept up to 5.5V
 ESD Protection Tested per AEC-Q100
 Exceeds 2000V Human Body Model (AEC-Q100-002)
 Exceeds 1000V Charged Device Model (AEC-Q100-011)
 Latch-Up Exceeds 100mA (AEC-Q100-004)
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The 74LVC1G86Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
 Voltage Level Shifting
 General Purpose Logic
 Power Down Signal Isolation
 Wide Array of Products such as:
 Automotive Applications Within Grade 1 Temperature
Range
 Industrial Computing/Controls/Automation
 High Reliability Networking/Communications
 Industrial/Agricultural Equipment




Similar Part No. - 74LVC1G86Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
2-input EXCLUSIVE-OR gate
2001 Apr 06
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
86Kb / 15P
2-input EXCLUSIVE-OR gate
2004 Sep 08
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Diodes Incorporated
74LVC1G86 DIODES-74LVC1G86 Datasheet
245Kb / 14P
SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LVC1G86 NEXPERIA-74LVC1G86 Datasheet
255Kb / 16P
2-input EXCLUSIVE-OR gate
Rev. 13 - 7 January 2022
More results


Similar Description - 74LVC1G86Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_18 Datasheet
207Kb / 14P
Single 2-Input Exclusive OR Gate
November, 2018 ??Rev. 20
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Diodes Incorporated
74AHC1G86Q DIODES-74AHC1G86Q Datasheet
522Kb / 9P
SINGLE 2-INPUT POSITIVE EXCLUSIVE OR GATE
August 2020 Rev. 1 - 2
74AHCT1G86Q DIODES-74AHCT1G86Q Datasheet
506Kb / 9P
SINGLE 2-INPUT POSITIVE EXCLUSIVE-OR GATE
August 2020 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com