Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G86 Datasheet (PDF) - NXP Semiconductors

74LVC1G86 Datasheet PDF - NXP Semiconductors
Part # 74LVC1G86
Download  74LVC1G86 Download
File Size   87.59 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-input EXCLUSIVE-OR gate

74LVC1G86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G86 Datasheet PDF - NXP Semiconductors

Part # 74LVC1G86
Download  74LVC1G86 Click to download

File Size   87.59 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-input EXCLUSIVE-OR gate

74LVC1G86 Datasheet (HTML) - NXP Semiconductors


74LVC1G86 Product details

description

The 74LVC1G86 provides the 2-input EXCLUSIVE-OR function. Inputs can be driven from either 3.3 V or 5 V devices. These features allow the use of these devices in a mixed 3.3 V and 5 V environment.

This device is fully specified for partial Power-down applications using IOFF.

The IOFFcircuitry disables the output, preventing the damaging backflow current through the device when it is powered down.



Features

■Wide supply voltage range from 1.65V to 5.5V

■High noise immunity

■Complies with JEDEC standard:

   ◆JESD8-7 (1.65 V to 1.95 V)

   ◆JESD8-5 (2.3 V to 2.7 V)

   ◆JESD8B/JESD36 (2.7 V to 3.6 V)

■ESD protection:

   ◆HBM JESD22-A114E exceeds 2000 V

   ◆MM JESD22-A115-A exceeds 200 V

■±24 mA output drive (VCC= 3.0 V)

■CMOS low power consumption

■Latch-up performance exceeds 250 mA

■Direct interface with TTL levels

■Inputs accept voltages up to 5 V

■Multiple package options

■Specified from−40°C to +125°C




Similar Part No. - 74LVC1G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
2-input EXCLUSIVE-OR gate
2001 Apr 06
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
86Kb / 15P
2-input EXCLUSIVE-OR gate
2004 Sep 08
logo
Diodes Incorporated
74LVC1G86 DIODES-74LVC1G86 Datasheet
245Kb / 14P
SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LVC1G86 NEXPERIA-74LVC1G86 Datasheet
255Kb / 16P
2-input EXCLUSIVE-OR gate
Rev. 13 - 7 January 2022
logo
TECH PUBLIC Electronics...
74LVC1G86 TECHPUBLIC-74LVC1G86 Datasheet
1Mb / 6P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
More results


Similar Description - 74LVC1G86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
2-input EXCLUSIVE-OR gate
1998 Aug 05
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
2-input Exclusive-OR Gate
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
74F86 FAIRCHILD-74F86_03 Datasheet
64Kb / 5P
2-Input Exclusive-OR Gate
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
2-input Exclusive-OR Gate
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
2-input Exclusive OR Gate
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74AHC1G86-Q100 NEXPERIA-74AHC1G86-Q100 Datasheet
686Kb / 13P
2-input EXCLUSIVE-OR gate
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com