Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G86 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC1G86
Description  2-input EXCLUSIVE-OR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G86 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G86 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74LVC1G86_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 18 July 2007
6 of 14
NXP Semiconductors
74LVC1G86
2-input EXCLUSIVE-OR gate
11. Dynamic characteristics
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
12. Waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 8.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A, B to Y; see Figure 7
[2]
VCC = 1.65 V to 1.95 V
1.0
3.7
9.9
1.0
13.0
ns
VCC = 2.3 V to 2.7 V
0.5
2.5
5.5
0.5
7.0
ns
VCC = 2.7 V
0.5
2.8
5.8
0.5
7.5
ns
VCC = 3.0 V to 3.6 V
0.5
2.3
5.0
0.5
6.5
ns
VCC = 4.5 V to 5.5 V
0.5
1.9
4.0
0.5
5.5
ns
CPD
power dissipation
capacitance
VI = GND to VCC
[3]
VCC = 3.3 V
-
25
-
-
-
pF
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output.
Fig 7.
The input A and B to output Y propagation delay times
mna041
tPHL
tPLH
VM
VM
A, B input
Y output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com