Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G86 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC1G86
Description  2-input EXCLUSIVE-OR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G86 Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC1G86 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74LVC1G86_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 18 July 2007
5 of 14
NXP Semiconductors
74LVC1G86
2-input EXCLUSIVE-OR gate
10. Static characteristics
[1]
All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
Table 7.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.65 V to 1.95 V
0.65VCC
-
-
0.65VCC
-V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-V
VIL
LOW-level input
voltage
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
-
0.35VCC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
-
0.3VCC
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = −100 µA;
VCC = 1.65 V to 5.5 V
VCC − 0.1
-
-
VCC − 0.1
-
V
IO = −4 mA; VCC = 1.65 V
1.2
-
-
0.95
-
V
IO = −8 mA; VCC = 2.3 V
1.9
-
-
1.7
-
V
IO = −12 mA; VCC = 2.7 V
2.2
-
-
1.9
-
V
IO = −24 mA; VCC = 3.0 V
2.3
-
-
2.0
-
V
IO = −32 mA; VCC = 4.5 V
3.8
-
-
3.4
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL
IO = 100 µA;
VCC = 1.65 V to 5.5 V
-
-
0.10
-
0.10
V
IO = 4 mA; VCC = 1.65 V
-
-
0.45
-
0.70
V
IO = 8 mA; VCC = 2.3 V
-
-
0.30
-
0.45
V
IO = 12 mA; VCC = 2.7 V
-
-
0.40
-
0.60
V
IO = 24 mA; VCC = 3.0 V
-
-
0.55
-
0.80
V
IO = 32 mA; VCC = 4.5 V
-
-
0.55
-
0.80
V
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
±0.1
±5-
±100
µA
IOFF
power-off
leakage current
VCC = 0 V; VI or VO = 5.5 V
-
±0.1
±10
-
±200
µA
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
-
0.1
10
-
200
µA
∆ICC
additional
supply current
per pin; VCC = 2.3 V to 5.5 V;
VI =VCC − 0.6 V; IO =0 A
-
5
500
-
5000
µA
CI
input
capacitance
VCC = 3.3 V; VI = GND to VCC
-5
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com