Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G86 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC1G86
Description  2-input EXCLUSIVE-OR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G86 Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC1G86 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G86 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74LVC1G86 provides the 2-input EXCLUSIVE-OR function.
Inputs can be driven from either 3.3 V or 5 V devices. These features allow the use of
these devices in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial Power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2.
Features
s Wide supply voltage range from 1.65 V to 5.5 V
s High noise immunity
s Complies with JEDEC standard:
x JESD8-7 (1.65 V to 1.95 V)
x JESD8-5 (2.3 V to 2.7 V)
x JESD8B/JESD36 (2.7 V to 3.6 V)
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
s
±24 mA output drive (V
CC = 3.0 V)
s CMOS low power consumption
s Latch-up performance exceeds 250 mA
s Direct interface with TTL levels
s Inputs accept voltages up to 5 V
s Multiple package options
s Specified from
−40 °C to +125 °C
74LVC1G86
2-input EXCLUSIVE-OR gate
Rev. 06 — 18 July 2007
Product data sheet


Similar Part No. - 74LVC1G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
2-input EXCLUSIVE-OR gate
2001 Apr 06
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
86Kb / 15P
2-input EXCLUSIVE-OR gate
2004 Sep 08
logo
Diodes Incorporated
74LVC1G86 DIODES-74LVC1G86 Datasheet
245Kb / 14P
SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LVC1G86 NEXPERIA-74LVC1G86 Datasheet
255Kb / 16P
2-input EXCLUSIVE-OR gate
Rev. 13 - 7 January 2022
logo
TECH PUBLIC Electronics...
74LVC1G86 TECHPUBLIC-74LVC1G86 Datasheet
1Mb / 6P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
More results

Similar Description - 74LVC1G86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
2-input EXCLUSIVE-OR gate
1998 Aug 05
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
2-input Exclusive-OR Gate
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
74F86 FAIRCHILD-74F86_03 Datasheet
64Kb / 5P
2-Input Exclusive-OR Gate
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
2-input Exclusive-OR Gate
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
2-input Exclusive OR Gate
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74AHC1G86-Q100 NEXPERIA-74AHC1G86-Q100 Datasheet
686Kb / 13P
2-input EXCLUSIVE-OR gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com