Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G86 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

74LVC1G86 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # 74LVC1G86
Download  74LVC1G86 Download
File Size   1994.25 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE 2-INPUT EXCLUSIVE-OR GATE

74LVC1G86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G86 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # 74LVC1G86
Download  74LVC1G86 Click to download

File Size   1994.25 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE 2-INPUT EXCLUSIVE-OR GATE

74LVC1G86 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


74LVC1G86 Product details

Features
* Operate from 165V 10 5.5V
* Inputs accept voltages to 5.5V
© lorr supports partal-power-down mode
* Low power dissipation
« Maxtoo of 4 ns at 3.3V
+ ESD Protection Exceeds JESD 22
= 2000-V Human-Body Model (A114-A)
~1000-V Charged-Device Model (C101)
* SOT23-5 Package Available
+ SOT353 Package Available




Similar Part No. - 74LVC1G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
2-input EXCLUSIVE-OR gate
2001 Apr 06
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
86Kb / 15P
2-input EXCLUSIVE-OR gate
2004 Sep 08
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Diodes Incorporated
74LVC1G86 DIODES-74LVC1G86 Datasheet
245Kb / 14P
SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LVC1G86 NEXPERIA-74LVC1G86 Datasheet
255Kb / 16P
2-input EXCLUSIVE-OR gate
Rev. 13 - 7 January 2022
More results


Similar Description - 74LVC1G86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_18 Datasheet
207Kb / 14P
Single 2-Input Exclusive OR Gate
November, 2018 ??Rev. 20
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com