Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2703 Datasheet (PDF) - Renesas Technology Corp

MK2703 Datasheet PDF - Renesas Technology Corp
Part # MK2703
Download  MK2703 Download
File Size   348.43 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PLL AUDIO CLOCK SYNTHESIZER

MK2703 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2703 Datasheet PDF - Renesas Technology Corp

Part # MK2703
Download  MK2703 Click to download

File Size   348.43 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PLL AUDIO CLOCK SYNTHESIZER

MK2703 Datasheet (HTML) - Renesas Technology Corp


MK2703 Product details

Features
• Packaged in 8-pin SOIC
• Pb (lead) free package
• Uses an inexpensive, fundamental mode crystal or clock
• Supports MPEG sampling rates of 32 kHz, 44.1 kHz, 48
kHz, and 96 kHz
• Patented zero ppm synthesis error in all clocks
• All frequencies are frequency locked
• Advanced, low power, sub-micron CMOS process
• Operating voltage of 3.3 V or 5 V
• Industrial temperature version available
• The MK2703B is recommended for new designs




Similar Part No. - MK2703

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
MK2703B IDT-MK2703B Datasheet
188Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
042606
logo
Integrated Device Techn...
MK2703BS IDT-MK2703BS Datasheet
188Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
More results


Similar Description - MK2703

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2704 ICST-MK2704 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 011101
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
MK2703B IDT-MK2703B Datasheet
188Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
042606
MK2704 RENESAS-MK2704 Datasheet
333Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
051310
ICS348-22 RENESAS-ICS348-22 Datasheet
203Kb / 9P
QUAD PLL CLOCK SYNTHESIZER
012005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com