Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2703 Datasheet (PDF) - Integrated Circuit Systems

MK2703 Datasheet PDF - Integrated Circuit Systems
Part # MK2703
Download  MK2703 Download
File Size   63.14 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PLL Audio Clock Synthesizer

MK2703 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2703 Datasheet PDF - Integrated Circuit Systems

Part # MK2703
Download  MK2703 Click to download

File Size   63.14 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PLL Audio Clock Synthesizer

MK2703 Datasheet (HTML) - Integrated Circuit Systems


MK2703 Product details

Description
The MK2703 is a low cost, low jitter, high performance PLL clock synthesizer designed to replace oscillators and PLL circuits in set-top box and multimedia systems. Using our patented analog Phase-Locked Loop (PLL) techniques, the device uses a 27 MHz crystal or clock input to produce a buffered reference clock and a selectable audio clock.

Features
• Packaged in 8 pin SOIC
• Uses an inexpensive fundamental crystal, or clock
• Supports MPEG sampling rates of 32 kHz,
   44.1 kHz, 48 kHz and 96 kHz
• Patented zero ppm synthesis error in all clocks
• All frequencies are frequency locked
• 25 mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 3.3 V or 5 V operating voltage
• For audio clocks that require lower jitter, use the
   MK2731-03C
• Industrial temperature version available




Similar Part No. - MK2703

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703 RENESAS-MK2703 Datasheet
348Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
051310
logo
Integrated Device Techn...
MK2703B IDT-MK2703B Datasheet
188Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
042606
logo
Integrated Device Techn...
MK2703BS IDT-MK2703BS Datasheet
188Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
More results


Similar Description - MK2703

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
MK2704 ICST-MK2704 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 011101
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
logo
Integrated Device Techn...
MK2703 IDT-MK2703 Datasheet
187Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
MK2703B IDT-MK2703B Datasheet
188Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703 RENESAS-MK2703 Datasheet
348Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
042606
MK2704 RENESAS-MK2704 Datasheet
333Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
051310
ICS348-22 RENESAS-ICS348-22 Datasheet
203Kb / 9P
QUAD PLL CLOCK SYNTHESIZER
012005
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com