Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2745-21 Datasheet (PDF) - Renesas Technology Corp

MK2745-21 Datasheet PDF - Renesas Technology Corp
Part # MK2745-21
Download  MK2745-21 Download
File Size   343.35 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DVD/MPEG CLOCK SOURCE

MK2745-21 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2745-21 Datasheet PDF - Renesas Technology Corp

Part # MK2745-21
Download  MK2745-21 Click to download

File Size   343.35 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DVD/MPEG CLOCK SOURCE

MK2745-21 Datasheet (HTML) - Renesas Technology Corp


MK2745-21 Product details

Features
• Packaged in a 16-pin narrow (150 mil) SOIC
• Ideal for LuxSonor’s DVD solutions
• 3.3 V upgrade to the MK2744
• Patented zero ppm audio clock error for 256x and 384x
sampling rates
• Selectable audio sampling frequencies support 32, 44.1,
and 48 kHz in most DACs
• 27 MHz fundamental crystal or clock input
• Eight selectable processor frequencies
• Fixed clocks of 27 and 24.576 MHz
• Zero ppm in all clocks
• 25 mA output drive capability at TTL levels
• Advanced, low-power, sub-micron CMOS process
• Operating voltage of 3.0 V to 5.5 V
• See also the MK2712 for NTSC/PAL clocks




Similar Part No. - MK2745-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2745-21 ICST-MK2745-21 Datasheet
60Kb / 4P
DVD/MPEG Clock Source
Revision 120400
MK2745-21S ICST-MK2745-21S Datasheet
60Kb / 4P
DVD/MPEG Clock Source
Revision 120400
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
DVD/MPEG CLOCK SOURCE
logo
Integrated Circuit Syst...
MK2745-21STR ICST-MK2745-21STR Datasheet
60Kb / 4P
DVD/MPEG Clock Source
Revision 120400
More results


Similar Description - MK2745-21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
logo
Integrated Circuit Syst...
MK2731-04C ICST-MK2731-04C Datasheet
59Kb / 4P
MPEG Audio Clock
Revision 122799
MK2745-21 ICST-MK2745-21 Datasheet
60Kb / 4P
DVD/MPEG Clock Source
Revision 120400
MK2745-24 ICST-MK2745-24 Datasheet
63Kb / 4P
DVD/MPEG Clock Source
Revision 100898
MK2746 ICST-MK2746 Datasheet
136Kb / 5P
DVD/MPEG CLOCK SOURCE
Revision 100802
logo
Zoran Corporation
ACTIVA100 ZORAN-ACTIVA100 Datasheet
433Kb / 2P
MPEG AV Encoder for DVD Recorders
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
DVD/MPEG CLOCK SOURCE
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
MPEG AUDIO CLOCK SOURCE
051310
MK2745-24 RENESAS-MK2745-24 Datasheet
337Kb / 8P
DVD/MPEG CLOCK SOURCE
051310
MK2746 RENESAS-MK2746 Datasheet
350Kb / 7P
DVD/MPEG CLOCK SOURCE
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com