Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2746 Datasheet (PDF) - Renesas Technology Corp

MK2746 Datasheet PDF - Renesas Technology Corp
Part # MK2746
Download  MK2746 Download
File Size   350.36 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DVD/MPEG CLOCK SOURCE

MK2746 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2746 Datasheet PDF - Renesas Technology Corp

Part # MK2746
Download  MK2746 Click to download

File Size   350.36 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DVD/MPEG CLOCK SOURCE

MK2746 Datasheet (HTML) - Renesas Technology Corp


MK2746 Product details

Features
• Packaged in 16 pin TSSOP
• Operating voltage of 3.3 V
• Provides tight jitter controlled selectable processor clock
per table.
• Provides selectable audio clock per table.
• Provides fixed outputs of 27 MHz (Video), 50 MHz
(DSP/Bus clock) and 133.33 MHz (SDRAM).
• Advanced, low power, sub-micron CMOS process




Similar Part No. - MK2746

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2746 ICST-MK2746 Datasheet
136Kb / 5P
DVD/MPEG CLOCK SOURCE
Revision 100802
logo
Renesas Technology Corp
MK2746-01 RENESAS-MK2746-01 Datasheet
337Kb / 7P
USB-DVR CLOCK SOURCE
051310
MK2746-01GLF RENESAS-MK2746-01GLF Datasheet
337Kb / 7P
USB-DVR CLOCK SOURCE
051310
MK2746-01GLFT RENESAS-MK2746-01GLFT Datasheet
337Kb / 7P
USB-DVR CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2746G ICST-MK2746G Datasheet
136Kb / 5P
DVD/MPEG CLOCK SOURCE
Revision 100802
More results


Similar Description - MK2746

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
logo
Integrated Circuit Syst...
MK2731-04C ICST-MK2731-04C Datasheet
59Kb / 4P
MPEG Audio Clock
Revision 122799
MK2745-21 ICST-MK2745-21 Datasheet
60Kb / 4P
DVD/MPEG Clock Source
Revision 120400
MK2745-24 ICST-MK2745-24 Datasheet
63Kb / 4P
DVD/MPEG Clock Source
Revision 100898
MK2746 ICST-MK2746 Datasheet
136Kb / 5P
DVD/MPEG CLOCK SOURCE
Revision 100802
logo
Zoran Corporation
ACTIVA100 ZORAN-ACTIVA100 Datasheet
433Kb / 2P
MPEG AV Encoder for DVD Recorders
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
DVD/MPEG CLOCK SOURCE
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
MPEG AUDIO CLOCK SOURCE
051310
MK2745-21 RENESAS-MK2745-21 Datasheet
343Kb / 7P
DVD/MPEG CLOCK SOURCE
051310
MK2745-24 RENESAS-MK2745-24 Datasheet
337Kb / 8P
DVD/MPEG CLOCK SOURCE
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com