Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2746G Datasheet (PDF) - Integrated Circuit Systems

MK2746G Datasheet PDF - Integrated Circuit Systems
Part # MK2746G
Download  MK2746G Download
File Size   136.19 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DVD/MPEG CLOCK SOURCE

MK2746G Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2746G Datasheet PDF - Integrated Circuit Systems

Part # MK2746G
Download  MK2746G Click to download

File Size   136.19 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DVD/MPEG CLOCK SOURCE

MK2746G Datasheet (HTML) - Integrated Circuit Systems


MK2746G Product details

Description
The MK2746 is a low cost, low jitter, high performance clock synthesizer for DVD and other MPEG2 based applications. Using analog Phase Locked Loop (PLL) techniques, the device accepts a 27 MHz fundamental mode crystal or clock input to produce multiple output clocks including the processor clock, audio clock, bus driver clock, SDRAM clock and a Video clock. The audio clocks are frequency locked to the 27 MHz input using our patented zero ppm error techniques, allowing audio and video to track exactly, thereby eliminating the need for large buffer memory.

Features
• Packaged in 16 pin TSSOP
• Operating voltage of 3.3 V
• Provides tight jitter controlled selectable processor clock per table.
• Provides selectable audio clock per table.
• Provides fixed outputs of 27 MHz (Video), 50 MHz (DSP/Bus clock) and 133.33 MHz (SDRAM).
• Advanced, low power, sub-micron CMOS process




Similar Part No. - MK2746G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2746GLF RENESAS-MK2746GLF Datasheet
350Kb / 7P
DVD/MPEG CLOCK SOURCE
051310
MK2746GLFT RENESAS-MK2746GLFT Datasheet
350Kb / 7P
DVD/MPEG CLOCK SOURCE
051310
More results


Similar Description - MK2746G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
logo
Integrated Circuit Syst...
MK2731-04C ICST-MK2731-04C Datasheet
59Kb / 4P
MPEG Audio Clock
Revision 122799
MK2745-21 ICST-MK2745-21 Datasheet
60Kb / 4P
DVD/MPEG Clock Source
Revision 120400
MK2745-24 ICST-MK2745-24 Datasheet
63Kb / 4P
DVD/MPEG Clock Source
Revision 100898
logo
Zoran Corporation
ACTIVA100 ZORAN-ACTIVA100 Datasheet
433Kb / 2P
MPEG AV Encoder for DVD Recorders
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
DVD/MPEG CLOCK SOURCE
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
MPEG AUDIO CLOCK SOURCE
051310
MK2745-21 RENESAS-MK2745-21 Datasheet
343Kb / 7P
DVD/MPEG CLOCK SOURCE
051310
MK2745-24 RENESAS-MK2745-24 Datasheet
337Kb / 8P
DVD/MPEG CLOCK SOURCE
051310
MK2746 RENESAS-MK2746 Datasheet
350Kb / 7P
DVD/MPEG CLOCK SOURCE
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com