Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC817-40Q Datasheet (PDF) - Diodes Incorporated

AC817-40Q Datasheet PDF - Diodes Incorporated
Part # AC817-40Q
Download  AC817-40Q Download
File Size   431.79 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN SMALL SIGNAL TRANSISTOR IN SOT23

AC817-40Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AC817-40Q Datasheet PDF - Diodes Incorporated

Part # AC817-40Q
Download  AC817-40Q Click to download

File Size   431.79 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN SMALL SIGNAL TRANSISTOR IN SOT23

AC817-40Q Datasheet (HTML) - Diodes Incorporated


AC817-40Q Product details

Features
 BVCEO > 45V
 IC = 0.5A Continuous Collector Current
 ICM = 1A Peak Pulse Current
 Complementary PNP Types: BC807-16
 Ideally Suited for Automatic Insertion
 Epitaxial Planar Die Construction
 For Switching and AF Amplifier Applications
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. "Green" Device (Note 3)
 Qualified to AEC-Q101 Standards for High Reliability
 PPAP Capable (Note 4)




Similar Part No. - AC817-40Q

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
AC8-12-1477 ACIPOWER-AC8-12-1477 Datasheet
198Kb / 2P
CCFL INVERTER
AC8-12-1478 ACIPOWER-AC8-12-1478 Datasheet
2Mb / 2P
CCFL INVERTER
AC8-12-1681 ACIPOWER-AC8-12-1681 Datasheet
1Mb / 2P
CCFL INVERTER
logo
CUI INC
AC8-DK CUI-AC8-DK Datasheet
193Kb / 2P
IEC C5 ac POWER cord, UK
logo
CUI Devices
AC8-DK CUID-AC8-DK Datasheet
277Kb / 2P
IEC C5 AC POWER CORD, UK
10/25/2022
More results


Similar Description - AC817-40Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 19
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 20
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 26
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 5
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 14
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 5
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 2
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com