Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW66H Datasheet (PDF) - Diodes Incorporated

BCW66H Datasheet PDF - Diodes Incorporated
Part # BCW66H
Download  BCW66H Download
File Size   200.55 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN SMALL SIGNAL TRANSISTOR IN SOT23

BCW66H Datasheet (PDF)

Go To PDF Page Download Datasheet
BCW66H Datasheet PDF - Diodes Incorporated

Part # BCW66H
Download  BCW66H Click to download

File Size   200.55 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN SMALL SIGNAL TRANSISTOR IN SOT23

BCW66H Datasheet (HTML) - Diodes Incorporated


BCW66H Product details

Features
 BVCEO > 45V
 IC = 800mA High Continuous Collector Current
 Low Saturation Voltage VCE(sat) < 300mV @ 100mA
 Complementary PNP Type: BCW68H
 Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 Qualified to AEC-Q101 Standards for High Reliability
 PPAP capable (Note 4)




Similar Part No. - BCW66H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BCW66H STMICROELECTRONICS-BCW66H Datasheet
39Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Oct-1997
logo
Zetex Semiconductors
BCW66H ZETEX-BCW66H Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCW66H SIEMENS-BCW66H Datasheet
134Kb / 6P
NPN Silicon AF Transistors (For general AF applications High current gain)
logo
Micro Commercial Compon...
BCW66H MCC-BCW66H Datasheet
90Kb / 2P
NPN Small Signal Transistor 330mW
logo
Infineon Technologies A...
BCW66H INFINEON-BCW66H Datasheet
50Kb / 5P
NPN Silicon AF Transistor
Jul-10-2001
More results


Similar Description - BCW66H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 19
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 20
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 26
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 5
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 14
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 5
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 2
AC817-40Q DIODES-AC817-40Q Datasheet
431Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
August 2017 Rev. 1 - 2
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com