Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3581B Datasheet (PDF) - Diodes Incorporated

AP3581B Datasheet PDF - Diodes Incorporated
Part # AP3581B
Download  AP3581B Download
File Size   756.12 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER

AP3581B Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3581B Datasheet PDF - Diodes Incorporated

Part # AP3581B
Download  AP3581B Click to download

File Size   756.12 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER

AP3581B Datasheet (HTML) - Diodes Incorporated


AP3581B Product details

Features
 Supply Voltage: 5V/12V
VIN Input Range: 3.0V to 13.2V
0.6V/0.8V to 80% of VIN Output Range
Internal Reference: 0.6V/0.8V
 Simple Single-Loop Control
Voltage-Mode PWM Control
Duty Cycle: 0% to 80%
Fast Transient Response
 10MHz High-Bandwidth Error Amplifier with 6V/μs Slew Rate
 Fixed Oscillator Frequency: 300kHz/200kHz
 Lossless, Programmable Over Current Protection
(Uses Lower MOSFET RDS(ON) )
 Start-Up into Pre-biased Output
 Built-In Thermal Shutdown
 Built-In Soft-Start
 Over Current/Voltage Protection
 Under Voltage Protection
 Integrated Boot Diode

Applications
 Power Supplies for Microprocessors/Peripherals
PCs, Embedded Controllers, Memory Supplies
DSP and Core Communications Processor Supplies
 Subsystem Power Supplies
PCI, AGP, Graphics Cards, Digital TV
SSTL-2 and DDR/2/3 SDRAM Bus Termination Supply
 Cable Modems, Set Top Boxes, and DSL Modems
 Industrial Power Supplies and General Purpose Supplies
 5V/12V Input DC-DC Regulators
 Low-Voltage Distributed Power Supplies




Similar Part No. - AP3581B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3581BMP-G1 BCDSEMI-AP3581BMP-G1 Datasheet
575Kb / 13P
Single Phase Synchronous Buck PWM Controller
AP3581BMPTR-G1 BCDSEMI-AP3581BMPTR-G1 Datasheet
575Kb / 13P
Single Phase Synchronous Buck PWM Controller
More results


Similar Description - AP3581B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
Single Synchronous Buck PWM Controller
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
Single Phase Synchronous Buck PWM Controller
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
Single Synchronous Buck PWM Controller
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
Single Synchronous Buck PWM Controller
October 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com