Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8228A Datasheet (PDF) - Richtek Technology Corporation

RT8228A Datasheet PDF - Richtek Technology Corporation
Part # RT8228A
Download  RT8228A Download
File Size   201.03 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Single Synchronous Buck PWM Controller

RT8228A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8228A Datasheet PDF - Richtek Technology Corporation

Part # RT8228A
Download  RT8228A Click to download

File Size   201.03 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Single Synchronous Buck PWM Controller

RT8228A Datasheet (HTML) - Richtek Technology Corporation


RT8228A Product details

General Description
The RT8228A PWM controller provides high efficiency,
excellent transient response, and high DC output accuracy
needed for stepping down high voltage batteries to
generate low voltage CPU core, I/O, and chipset RAM
supplies in notebook computers.
The constant on-time PWM control scheme handles wide
input/output voltage ratios with ease and provides 100ns
“instant-on” response to load transients while maintaining
a relatively constant switching frequency.
The RT8228A achieves high efficiency at a reduced cost
by eliminating the current sense resistor found in
traditional current mode PWMs. Efficiency is further
enhanced by its ability to drive very large synchronous
rectifier MOSFETs and enter diode emulation mode at
light load condition. The buck conversion allows this device
to directly step down high voltage batteries at the highest
possible efficiency. The Audio Skipping Mode (ASM)
setting maintains the switching frequency above 25kHz,
which eliminates noise in audio applications. The RT8228A
is intended for CPU core, chipset, DRAM, or other low
voltage supplies as low as 0.5V. The RT8228A is available
in a WQFN-12L 2x2 package.

Applications
 Notebook Computers
 CPU Core Supply
 Chipset/RAM Supply as Low as 0.5V
 Generic DC/DC Power Regulator

Features
 Built in 1% 0.5V Reference Voltage
 Adjustable 0.5V to 3.3V Output Range
 Quick Load Step Response within 100ns
 4700ppm/°C Programmable Current Limit by Low
Side RDS(ON) Sensing
 4.5V to 26V Battery Input Range
 Resistor Programmable Frequency
 Internal Ramp Current Limit Soft-Start Control
 Drives Large Synchronous Rectifier FETs
 Integrated Boost Switch
 Over/Under Voltage Protection
 Thermal Shutdown
 Power Good Indicator
 RoHS Compliant and Halogen Free




Similar Part No. - RT8228A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223B RICHTEK-RT8223B Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223BGQW RICHTEK-RT8223BGQW Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223LGQW RICHTEK-RT8223LGQW Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
More results


Similar Description - RT8228A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
Single Synchronous Buck PWM Controller
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
Single Phase Synchronous Buck PWM Controller
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
Single Synchronous Buck PWM Controller
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com