Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8223L Datasheet (PDF) - Richtek Technology Corporation

RT8223L Datasheet PDF - Richtek Technology Corporation
Part # RT8223L
Download  RT8223L Download
File Size   397.58 Kbytes
Page   24 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency, Main Power Supply Controller for Notebook Computer

RT8223L Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8223L Datasheet PDF - Richtek Technology Corporation

Part # RT8223L
Download  RT8223L Click to download

File Size   397.58 Kbytes
Page   24 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency, Main Power Supply Controller for Notebook Computer

RT8223L Datasheet (HTML) - Richtek Technology Corporation


RT8223L Product details

General Description
The RT8223L/M is a dual step-down, switch-mode power supply controller generating logic-supply voltages in battery-powered systems. It includes two Pulse Width Modulation (PWM) controllers adjustable from 2V to 5.5V, and also features fixed 5V/3.3V linear regulators. Each linear regulator provides up to 100mA output current with automatic linear regulator bootstrapping to the PWM outputs. The RT8223L/M includes on-board power up sequencing, a power good output, internal soft-start, and soft-discharge output that prevents negative voltage during shutdown.

Features
● Constant On-time Control with 100ns Load Step Response
● Wide Input Voltage Range : 6V to 25V
● Dual Adjustable Outputs from 2V to 5.5V
● Fixed 3.3V and 5V LDO Output : 100mA
● 2V Reference Voltage
● Frequency Selectable via TONSEL Setting
● 4700ppm/°C RDS(ON) Current Sensing
● Programmable Current Limit Combined with Enable Control
● Selectable PWM, DEM, or Ultrasonic Mode
● Internal Soft-Start and Soft-Discharge
● High Efficiency up to 97%
● 5mW Quiescent Power Dissipation
● Thermal Shutdown
● RoHS Compliant and Halogen Free

Applications
● Notebook and Sub-Notebook Computers
● 3-Cell and 4-Cell Li+ Battery-Powered Devices




Similar Part No. - RT8223L

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223B RICHTEK-RT8223B Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223BGQW RICHTEK-RT8223BGQW Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
More results


Similar Description - RT8223L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV.0
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
High-Efficiency Notebook Computer Power Supply Controller
logo
Richtek Technology Corp...
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
logo
Analog Devices
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV. 0
logo
Richtek Technology Corp...
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com