Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8223A Datasheet (PDF) - Richtek Technology Corporation

RT8223A Datasheet PDF - Richtek Technology Corporation
Part # RT8223A
Download  RT8223A Download
File Size   369.74 Kbytes
Page   26 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency, Main Power Supply Controller for Notebook Computers

RT8223A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8223A Datasheet PDF - Richtek Technology Corporation

Part # RT8223A
Download  RT8223A Click to download

File Size   369.74 Kbytes
Page   26 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency, Main Power Supply Controller for Notebook Computers

RT8223A Datasheet (HTML) - Richtek Technology Corporation


RT8223A Product details

General Description

The RT8223A/B dual step-down, switch-mode power supply controller generates logic-supply voltages in battery-powered systems. The RT8223A/B includes two pulse-width modulation (PWM) controllers fixed at 5V/3.3V or adjustable from 2V to 5.5V. This device also features 2 linear regulators providing fixed 5V and 3.3V outputs. The linear regulator each provides up to 70mA output current with automatic linear-regulator bootstrapping to the PWM outputs. The RT8223A/B includes on-board power-up sequencing, the power good output, internal soft start, and internal soft-discharge output that prevents negative voltages on shutdown.

A constant on-time PWM control scheme operates without sense resistor and provides 100ns response to load transients while maintaining a relatively constant switching frequency. The unique ultrasonic mode maintains the switching frequency above 25kHz, which eliminates noise in audio applications. Other features include diode emulation mode (DEM), which maximizes efficiency in light-load applications, and fixed-frequency PWM mode, which reduces RF interference in sensitive application.



Features

• Wide Input Voltage Range 6V to 25V

• Dual Fixed 5V/3.3V Outputs or Adjustable from 2V to 5.5V, 1.5% Accuracy

• Fixed 3.3V and 5V LDO Output : 70mA

• 2V Reference Voltage ±1% : 50μA

• Constant ON-Time Control with 100ns Load Step Response

• Frequency Selectable via TONSEL Setting

• RDS(ON) Current Sensing and Programmable Current Limit combined with Enable Control

• Selectable PWM, DEM, or Ultrasonic Mode

• Internal Soft-Start and Soft-Discharge

• High Efficiency up to 97%

• 5mW Quiescent Power Dissipation

• Thermal Shutdown

• RoHS Compliant and Halogen Free



Applications

• Notebook and Sub-Notebook Computers

• 3-Cell and 4-Cell Li+ Battery-Powered Devices



 




Similar Part No. - RT8223A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223LGQW RICHTEK-RT8223LGQW Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223LZQW RICHTEK-RT8223LZQW Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223M RICHTEK-RT8223M Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223MGQW RICHTEK-RT8223MGQW Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
More results


Similar Description - RT8223A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Richtek Technology Corp...
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com