Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8223P Datasheet (PDF) - Richtek Technology Corporation

RT8223P Datasheet PDF - Richtek Technology Corporation
Part # RT8223P
Download  RT8223P Download
File Size   311.85 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency, Main Power Supply Controller for Notebook Computer

RT8223P Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8223P Datasheet PDF - Richtek Technology Corporation

Part # RT8223P
Download  RT8223P Click to download

File Size   311.85 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency, Main Power Supply Controller for Notebook Computer

RT8223P Datasheet (HTML) - Richtek Technology Corporation


RT8223P Product details

General Description

The RT8223P is a dual step-down, switch-mode power supply controller generating logic-supply voltages in battery-powered systems. It includes two Pulse Width Modulation (PWM) controllers adjustable from 2V to 5.5V, and also features fixed 5V/3.3V linear regulators. Each linear regulator provides up to 100mA output current with automatic linear regulator bootstrapping to the PWM

outputs. The RT8223P includes on-board power up sequencing, a power good output, internal soft-start, and soft-discharge output that prevents negative voltage during shutdown.

The constant on-time PWM scheme can operate without sense resistors and provide 100ns load transient response while maintaining nearly constant switching frequency. To eliminate noise in audio applications, an ultrasonic mode is included, which maintains the switching frequency

above 25kHz. Moreover, the diode-emulation mode maximizes efficiency for light load applications. The RT8223P is available in a WQFN-24L 4x4 package.



Features

Constant On-time Control with 100ns Load Step Response

Wide Input Voltage Range : 6V to 25V

Dual Adjustable Outputs from 2V to 5.5V

Fixed 3.3V and 5V LDO Output : 100mA

2V Reference Voltage

Frequency Selectable via TONSEL Setting

4700ppm/°C RDS(ON)Current Sensing

Programmable Current Limit Combined with Enable Control

Selectable PWM, DEM, or Ultrasonic Mode

nternal Soft-Start and Soft-Discharge

High Efficiency up to 97%

5mW Quiescent Power Dissipation

Thermal Shutdown

RoHS Compliant and Halogen Free




Similar Part No. - RT8223P

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223B RICHTEK-RT8223B Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223BGQW RICHTEK-RT8223BGQW Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223LGQW RICHTEK-RT8223LGQW Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
More results


Similar Description - RT8223P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV.0
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
High-Efficiency Notebook Computer Power Supply Controller
logo
Richtek Technology Corp...
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
logo
Analog Devices
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV. 0
logo
Richtek Technology Corp...
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com