Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC940L Datasheet (PDF) - Renesas Technology Corp

MPC940L Datasheet PDF - Renesas Technology Corp
Part # MPC940L
Download  MPC940L Download
File Size   531.9 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP

MPC940L Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC940L Datasheet PDF - Renesas Technology Corp

Part # MPC940L
Download  MPC940L Click to download

File Size   531.9 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP

MPC940L Datasheet (HTML) - Renesas Technology Corp


MPC940L Product details

The MPC940L is a 1:18 low voltage clock distribution chip with 2.5 V or 3.3 V LVCMOS
output capabilities. The device features the capability to select either a differential
LVPECL or an LVCMOS compatible input. The 18 outputs are 2.5 V or 3.3 V LVCMOS
compatible and feature the drive strength to drive 50  series or parallel terminated
transmission lines. With output-to-output skews of 150 ps, the MPC940L is ideal as a
clock distribution chip for the most demanding of synchronous systems. The 2.5 V outputs
also make the device ideal for supplying clocks for a high performance microprocessor
based design. For a similar device at a lower price/performance point, the reader is
referred to the MPC9109.
• LVPECL or LVCMOS Clock Input
• 2.5 V LVCMOS Outputs for Pentium II Microprocessor Support
• 150 ps Maximum Output-to-Output Skew
• Maximum Output Frequency of 250 MHz
• 32-Lead LQFP Packaging, Pb-Free
• Dual or Single Supply Device:
• Dual VCC Supply Voltage, 3.3 V Core and 2.5 V Output
• Single 3.3 V VCC Supply Voltage for 3.3 V Outputs
• Single 2.5 V VCC Supply Voltage for 2.5 V I/O
• For drop in replacement use 83940DYLF




Similar Part No. - MPC940L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC940LAC IDT-MPC940LAC Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC940LACR2 IDT-MPC940LACR2 Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC940LFA IDT-MPC940LFA Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
More results


Similar Description - MPC940L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942C ALSC-ASM2I9942C Datasheet
431Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com