Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC940L Datasheet (PDF) - Motorola, Inc

MPC940L Datasheet PDF - Motorola, Inc
Part # MPC940L
Download  MPC940L Download
File Size   91.82 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP

MPC940L Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC940L Datasheet PDF - Motorola, Inc

Part # MPC940L
Download  MPC940L Click to download

File Size   91.82 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP

MPC940L Datasheet (HTML) - Motorola, Inc


MPC940L Product details

The MPC940L is a 1:18 low voltage clock distribution chip with 2.5V LVCMOS output capabilities. The device features the capability to select either a differential LVPECL or an LVTTL/ LVCMOS compatible input. The 18 outputs are 2.5V LVCMOS compatible and feature the drive strength to drive 50Ω series or parallel terminated transmission lines. With output–to–output skews of 150ps, the MPC940L is ideal as a clock distribution chip for the most demanding of synchronous systems. The 2.5V outputs also make the device ideal for supplying clocks for a high performance Pentium II microprocessor based design.

• LVPECL or LVCMOS/LVTTL Clock Input
• 2.5V LVCMOS Outputs for Pentium II Microprocessor Support
• 150ps Maximum Targeted Output–to–Output Skew
• Maximum Output Frequency of 250MHz
• 32–Lead TQFP Packaging
• Dual VCC Supply Voltage, 3.3V Core and 2.5V Output




Similar Part No. - MPC940L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
logo
Integrated Device Techn...
MPC940LAC IDT-MPC940LAC Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC940LACR2 IDT-MPC940LACR2 Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC940LFA IDT-MPC940LFA Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
More results


Similar Description - MPC940L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942C ALSC-ASM2I9942C Datasheet
431Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com