Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC940L Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC940L
Description  LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC940L Datasheet(HTML) 2 Page - Motorola, Inc

  MPC940L Datasheet HTML 1Page - Motorola, Inc MPC940L Datasheet HTML 2Page - Motorola, Inc MPC940L Datasheet HTML 3Page - Motorola, Inc MPC940L Datasheet HTML 4Page - Motorola, Inc MPC940L Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MPC940L
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
2
Pinout: 32–Lead TQFP (Top View)
FUNCTION TABLE
LVCMOS_CLK_Sel
Input
0
1
PECL_CLK
LVCMOS_CLK
LOGIC DIAGRAM
LVCMOS_CLK
Q0
PECL_CLK
0
1
LVCMOS_CLK_Sel
PECL_CLK
GNDO
Q5
Q4
Q3
VCCO
Q2
Q1
Q0
VCCO
Q12
Q13
Q14
GNDO
Q15
Q16
Q17
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12345
678
24
23
22
21
20
19
18
17
16
MPC940L
Q1–Q16
16
Q17
POWER SUPPLY VOLTAGES
Supply Pin
Voltage Level
VCCI
VCCO
3.3V
± 5%
2.5V
± 5%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com