Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC961P Datasheet (PDF) - Renesas Technology Corp

MPC961P Datasheet PDF - Renesas Technology Corp
Part # MPC961P
Download  MPC961P Download
File Size   587.63 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage Zero Delay Buffer

MPC961P Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC961P Datasheet PDF - Renesas Technology Corp

Part # MPC961P
Download  MPC961P Click to download

File Size   587.63 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage Zero Delay Buffer

MPC961P Datasheet (HTML) - Renesas Technology Corp


MPC961P Product details

The MPC961 is a 2.5 V or 3.3 V compatible, 1:18 PLL based zero delay buffer.
With output frequencies of up to 200 MHz, output skews of 150 ps the device
meets the needs of the most demanding clock tree applications.
Features
• Fully Integrated PLL
• Up to 200 MHz I/O Frequency
• LVCMOS Outputs
• Outputs Disable in High Impedance
• LVPECL Reference Clock Options
• LQFP Packaging
• 32-lead Pb-free Package Available
• 50 ps Cycle-Cycle Jitter
• 150 ps Output Skews




Similar Part No. - MPC961P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC961C MOTOROLA-MPC961C Datasheet
169Kb / 12P
LOW VOLTAGE ZERO DELAY BUFFER
MPC961C MOTOROLA-MPC961C Datasheet
296Kb / 12P
LOW VOLTAGE ZERO DELAY
More results


Similar Description - MPC961P

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
logo
Motorola, Inc
MPC961C MOTOROLA-MPC961C Datasheet
169Kb / 12P
LOW VOLTAGE ZERO DELAY BUFFER
logo
Alliance Semiconductor ...
ASM5I961C ALSC-ASM5I961C Datasheet
685Kb / 15P
Low Voltage Zero Delay Buffer
ASM5I961P ALSC-ASM5I961P Datasheet
625Kb / 14P
Low Voltage Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I961C PULSECORE-PCS5I961C Datasheet
628Kb / 14P
Low Voltage Zero Delay Buffer
PCS5I961P PULSECORE-PCS5I961P Datasheet
626Kb / 14P
Low Voltage Zero Delay Buffer
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
ZERO DELAY, LOW SKEW BUFFER
072710
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com