Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12PWM8B8CV1/D Datasheet (PDF) - NXP Semiconductors

S12PWM8B8CV1/D Datasheet PDF - NXP Semiconductors
Part # S12PWM8B8CV1/D
Download  S12PWM8B8CV1/D Download
File Size   1035.48 Kbytes
Page   98 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The SoC Guide provides information about the MC9S12KG128 device made up of standard HCS12 blocks and the HCS12 processor core

S12PWM8B8CV1/D Datasheet (PDF)

Go To PDF Page Download Datasheet
S12PWM8B8CV1/D Datasheet PDF - NXP Semiconductors

Part # S12PWM8B8CV1/D
Download  S12PWM8B8CV1/D Click to download

File Size   1035.48 Kbytes
Page   98 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The SoC Guide provides information about the MC9S12KG128 device made up of standard HCS12 blocks and the HCS12 processor core

S12PWM8B8CV1/D Datasheet (HTML) - NXP Semiconductors


S12PWM8B8CV1/D Product details

Features
HCS12 Core
– 16-bit HCS12 CPU
i. Upward compatible with M68HC11 instruction set
ii. Interrupt stacking and programmer’s model identical to M68HC11
iii. Instruction queue
iv. Enhanced indexed addressing
System Integration Module (SIM)
– MEBI (Multiplexed External Bus Interface)
– MMC (Memory Map and Interface)
– INT (Interrupt Controller)
– DBG (Debugger)
– BDM (Background Debug Mode)
Oscillator
– 4Mhz to 16Mhz frequency range
– Pierce with amplitude loop control
– Clock monitor
Clock and Reset Generator (CRG)
– Phase-locked loop clock frequency multiplier
– Self Clock mode in absence of external clock
– COP watchdog
– Real Time interrupt (RTI)
Memory
– 128K Byte Flash EEPROM
i. Internal program/erase voltage generation
ii. Security and Block Protect bits
iii. Hamming Error Correction Coding (ECC)
– 2K Byte EEPROM
– 8K Byte static RAM
Single-cycle misaligned word accesses without wait states
Analog-to-Digital Converter (ADC)
– 16-channel module with 10-bit resolution
– External conversion trigger capability
8-channel Timer (TIM)
– Programmable input capture or output compare channels
– Simple PWM mode
– Counter Modulo Reset
– External Event Counting
– Gated Time Accumulation
8-channel Pulse Width Modulator (PWM)
– Programmable period and duty cycle per channel
– 8-bit 8-channel or 16-bit 4-channel
– Edge and and center aligned PWM signals
– Emergency shutdown input
Two 1M bit per second, CAN 2.0 A, B software compatible modules
– Five receive and three transmit buffers
– Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit
– Four separate interrupt channels for Rx, Tx, error and wake-up
– Low-pass filter wake-up function
– Loop-back for self test operation
Serial interfaces
– Two asynchronous serial communication interface (SCI)
Infrared capability
– Three synchronous serial peripheral interface (SPI)
– Inter-IC Bus (IIC)
Internal 2.5V Regulator
– Input voltage range from 3.15V to 5.5V
– Low power mode capability
– Low Voltage Reset (LVR) and Low Voltage Interrupt (LVI)
20 key wake up inputs
– Rising or falling edge triggered interrupt capability
– Digital filter to prevent short pulses from triggering interrupts
– Programmable pull ups and pull downs
Operating frequency for ambient temperatures (TA -40°C to 125°C)
– 50MHz equivalent to 25MHz Bus Speed
112-Pin LQFP or 80-Pin QFP package
– I/O lines with 3.3V/5V input and drive capability
– 3.3V/5V A/D converter inputs




Similar Part No. - S12PWM8B8CV1/D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
S12PWM8B8CV1 MOTOROLA-S12PWM8B8CV1 Datasheet
2Mb / 138P
MC9S12DT128 Device User Guide V02.09
S12PWM8B8CV1 MOTOROLA-S12PWM8B8CV1 Datasheet
641Kb / 124P
MC9S12DT128B
logo
Freescale Semiconductor...
S12PWM8B8CV1 FREESCALE-S12PWM8B8CV1 Datasheet
83Kb / 2P
Automotive applications
logo
NXP Semiconductors
S12PWM8B8CV1 NXP-S12PWM8B8CV1 Datasheet
1Mb / 152P
MC9S12XDP512 Device User Guide
V01.12 April 2004
S12PWM8B8CV1 NXP-S12PWM8B8CV1 Datasheet
1Mb / 176P
MC9S12XDP512 Device User Guide
V02.05 November 18th 2004
More results


Similar Description - S12PWM8B8CV1/D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12DP256B FREESCALE-MC9S12DP256B Datasheet
3Mb / 126P
device made up of standard HCS12 blocks and the HCS12 processor core
logo
List of Unclassifed Man...
AN1071 ETC-AN1071 Datasheet
77Kb / 6P
Information About the LM2650 Evaluation Board
logo
Freescale Semiconductor...
MC9S12HZ256 FREESCALE-MC9S12HZ256 Datasheet
3Mb / 692P
HCS12 Microcontrollers
MC9S12E128 FREESCALE-MC9S12E128 Datasheet
3Mb / 606P
HCS12 Microcontrollers
logo
National Instruments Co...
USB-6221 NI-USB-6221 Datasheet
800Kb / 21P
This document provides dimensions, pinouts, and information about the connectors, switch, LEDs
USB-621X NI-USB-621X Datasheet
611Kb / 14P
This document provides information about the dimensions, mounting options, connectors
USB-622X NI-USB-622X Datasheet
821Kb / 22P
This document provides dimensions, pinouts, and information about the connectors, switch, LEDs
logo
Integrated Device Techn...
ICS97U2A845A IDT-ICS97U2A845A Datasheet
220Kb / 13P
Double the drive of the standard 97U877 device
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
S12CPU15UG NXP-S12CPU15UG Datasheet
7Mb / 548P
The HCS12 V1.5 Core is a 16-bit processing core using the 68HC12 instruction set architecture (ISA).
Version 1.2
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com