Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT13003H Datasheet (PDF) - Diodes Incorporated

APT13003H Datasheet PDF - Diodes Incorporated
Part # APT13003H
Download  APT13003H Download
File Size   407.22 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 465V NPN HIGH VOLTAGE POWER TRANSISTOR

APT13003H Datasheet (PDF)

Go To PDF Page Download Datasheet
APT13003H Datasheet PDF - Diodes Incorporated

Part # APT13003H
Download  APT13003H Click to download

File Size   407.22 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 465V NPN HIGH VOLTAGE POWER TRANSISTOR

APT13003H Datasheet (HTML) - Diodes Incorporated


APT13003H Product details

Features
• BVCEO > 465V
• BVCES > 800V
• BVEBO > 9V
• IC = 1.5A High Continuous Collector Current
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change control (i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and manufactured in IATF 16949 certified facilities), please contact us or your local Diodes representative.

Applications
Low Power AC-DC SMPS for:
• Battery Chargers for Mobile Phone/Tablets/Smartphones
• Power Supply for DVD / STB
• LED Lighting




Similar Part No. - APT13003H

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
APT13003H BCDSEMI-APT13003H Datasheet
625Kb / 9P
HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
logo
Diodes Incorporated
APT13003H DIODES-APT13003H_15 Datasheet
366Kb / 6P
465V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
More results


Similar Description - APT13003H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
NPN high voltage Power transistor
February 1999 Rev 1.000
logo
STMicroelectronics
STD616A-1 STMICROELECTRONICS-STD616A-1 Datasheet
42Kb / 5P
HIGH VOLTAGE NPN POWER TRANSISTOR
Apr-1999
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
HIGH VOLTAGE NPN POWER TRANSISTOR
Feb-2002
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Jun-2003
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
High voltage NPN power transistor
22-Oct-2007
2ST501T STMICROELECTRONICS-2ST501T Datasheet
154Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
25-Feb-2005
logo
Cystech Electonics Corp...
TIP50I3 CYSTEKEC-TIP50I3 Datasheet
269Kb / 6P
High Voltage NPN Power Transistor
logo
Diodes Incorporated
APT13003E DIODES-APT13003E_15 Datasheet
420Kb / 6P
465V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
APT13003H DIODES-APT13003H_15 Datasheet
366Kb / 6P
465V NPN HIGH VOLTAGE POWER TRANSISTOR
Rev 2
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
High Voltage NPN Power Transistor
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com