Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS393 Datasheet (PDF) - Diodes Incorporated

AS393 Datasheet PDF - Diodes Incorporated
Part # AS393
Download  AS393 Download
File Size   426.28 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS

AS393 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS393 Datasheet PDF - Diodes Incorporated

Part # AS393
Download  AS393 Click to download

File Size   426.28 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS

AS393 Datasheet (HTML) - Diodes Incorporated


AS393 Product details

Features
 Wide Supply Voltage Range
 Single Supply: 2V to 36V
 Dual Supplies: ±1.0V to ±18V
 Low Supply Current Drain: 0.6mA
 Low Input Bias Current: 25nA (Typical)
 Low Input Offset Current: ±5.0nA (Typical)
 Low Input Offset Voltage: 1.0mV (Typical)
 Input Common Mode Voltage Range Includes Ground
 Differential Input Voltage Range Equals to the Power Supply
Voltage
 Low Output Saturation Voltage: 200mV at 4mA
 Open Collector Output
 Lead-Free Packages: SO-8, TSSOP-8, PDIP-8
 Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
 Lead-Free Packages, Available in “Green” Molding Compound:
SO-8, TSSOP-8, MSOP-8
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 Battery Charger
 Cordless Telephone
 Switching Power Supply
 DC-DC Module
 PC Motherboard
 Communication Equipment




Similar Part No. - AS393

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393 BCDSEMI-AS393 Datasheet
165Kb / 11P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393,393A BCDSEMI-AS393,393A Datasheet
759Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
ams AG
AS3930 AMSCO-AS3930 Datasheet
1,008Kb / 33P
Single Channel Low Frequency Wakeup Receiver
AS3930 AMSCO-AS3930 Datasheet
491Kb / 32P
Single Channel Low Frequency Wakeup Receiver
More results


Similar Description - AS393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com