Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3930 Datasheet (PDF) - ams AG

AS3930 Datasheet PDF - ams AG
Part # AS3930
Download  AS3930 Download
File Size   1008.95 Kbytes
Page   33 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Single Channel Low Frequency Wakeup Receiver

AS3930 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3930 Datasheet PDF - ams AG

Part # AS3930
Download  AS3930 Click to download

File Size   1008.95 Kbytes
Page   33 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Single Channel Low Frequency Wakeup Receiver

AS3930 Datasheet (HTML) - ams AG


AS3930 Product details

General Description

The AS3930 is a single-channel low power ASK receiver that is able to generate a wake-up upon detection of a data signal which uses a LF carrier frequency between 110 - 150 kHz. The integrated correlator can be used for detection of a programmable 16-bit wake up pattern.



Key Features

Single channel ASK wake-up receiver

Carrier frequency range 110 - 150 kHz

Programmable wake-up pattern (16bits)

Doubling of wake-up pattern supported

Wake-up without pattern detection supported

Wake-up sensitivity 100µVRMS (typ.)

Adjustable sensitivity level

Highly resistant to false wake-ups

False wake-up counter

Periodical forced wake-up supported (1s – 2h)

Low power listening modes

Current consumption in listening mode 1.37µA (typ.)

Programmable data-rate 0.5-4 kbaud (Manchester encoded)

Digital RSSI

Dynamic range 64dB

5-bit RSSI step (2dB per step)

RTC based on 32kHz XTAL, RC-OSC, or external clock

Operating temperature range -40ºC to +85ºC

Operating supply voltage 2.4 - 3.6V (TA = 25ºC)

Bi-directional serial digital interface (SDI)

Package options: 16-pin TSSOP and QFN 4x4 16 LD



Applications

The AS3930 is ideal for Active RFID tags, real-time location systems, operator identification, access control, and wireless sensors.



 




Similar Part No. - AS3930

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3930 AMSCO-AS3930 Datasheet
491Kb / 32P
Single Channel Low Frequency Wakeup Receiver
logo
Sciosense B.V.
AS3930 SCIOSENSE-AS3930 Datasheet
913Kb / 44P
Single Channel Low Frequency Wakeup Receiver
logo
ams AG
AS3930-BQFT AMSCO-AS3930-BQFT Datasheet
491Kb / 32P
Single Channel Low Frequency Wakeup Receiver
AS3930-BTST AMSCO-AS3930-BTST Datasheet
491Kb / 32P
Single Channel Low Frequency Wakeup Receiver
AS3930 AMSCO-AS3930_07 Datasheet
491Kb / 32P
Single Channel Low Frequency Wakeup Receiver
More results


Similar Description - AS3930

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3932 AMSCO-AS3932 Datasheet
1Mb / 33P
3D Low Frequency Wakeup Receiver
logo
OPLINK Communications I...
S0188-TRPV3GER1C000E2G OPLINK-S0188-TRPV3GER1C000E2G Datasheet
271Kb / 5P
Single Channel Optical Receiver
logo
ams AG
AS3930 AMSCO-AS3930_07 Datasheet
491Kb / 32P
Single Channel Low Frequency Wakeup Receiver
AS3931 AMSCO-AS3931_07 Datasheet
1Mb / 31P
3D Low Power Wakeup Receiver
AS3932 AMSCO-AS3932_07 Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
logo
Cynergy3 Co
IWR-1 CYNERGY3-IWR-1 Datasheet
263Kb / 1P
Single Channel Wireless Receiver
logo
ams AG
AS3933 AMSCO-AS3933 Datasheet
1Mb / 64P
3D Low Frequency Wake-Up Receiver
2015-Sep-02
logo
Sciosense B.V.
AS3930 SCIOSENSE-AS3930 Datasheet
913Kb / 44P
Single Channel Low Frequency Wakeup Receiver
AS3932 SCIOSENSE-AS3932 Datasheet
907Kb / 50P
3D Low Frequency Wakeup Receiver
AS3933 SCIOSENSE-AS3933 Datasheet
391Kb / 7P
LF Wakeup Receiver
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com