Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet (PDF) - ams AG

AS3932 Datasheet PDF - ams AG
Part # AS3932
Download  AS3932 Download
File Size   1049.32 Kbytes
Page   33 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 3D Low Frequency Wakeup Receiver

AS3932 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3932 Datasheet PDF - ams AG

Part # AS3932
Download  AS3932 Click to download

File Size   1049.32 Kbytes
Page   33 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 3D Low Frequency Wakeup Receiver

AS3932 Datasheet (HTML) - ams AG


AS3932 Product details

General Description

The AS3932 is a 3-channel low power ASK receiver that is able to generate a wakeup upon detection of a data signal which uses a LF carrier frequency between 110 - 150 kHz. The integrated correlator can be used for detection of a programmable 16-bit wakeup pattern. The device can operate using one, two, or three active channels. The AS3932 provides a digital RSSI value for each active channel, it supports a programmable data rate and Manchester decoding with clock recovery. The AS3932 offers a real-time clock (RTC), which is either derived from a crystal oscillator or the internal RC oscillator.





Key Features

„ 3-channel ASK wakeup receiver

„ Carrier frequency range 110 - 150 kHz

„ One, two, or three channel operation

„ Reliable 1-, 2- or 3-D wakeup pattern detection

„ Programmable wakeup pattern (16bits)

„ Doubling of wakeup pattern supported

„ Wakeup without pattern detection supported

„ Wakeup sensitivity 100 µVRMS (typ.)

„ Adjustable sensitivity level

„ Highly resistant to false wakeups

„ False wakeup counter

„ Periodical forced wakeup supported (1s – 2h)

„ Low power listening modes

„ Current consumption in 3-channel listening mode 1.7 µA (typ.)

„ Data rate adjustable from 0.5- 4 kbps (Manchester)

„ Manchester decoding with clock recovery

„ Digital RSSI values available for each channel

„ Dynamic range 64dB

„ 5 bit RSSI step (2dB per step)

„ RTC based on 32kHz XTAL, RC-OSC, or External Clock

„ Operating temperature range -40 to +85ºC

„ Operating supply voltage 2.4 - 3.6V (TA = 25ºC)

„ Bidirectional serial digital interface (SDI)

„ Package option 16 pin TSSOP, QFN 4x4 16LD



Applications

The AS3932 is ideal for Active RFID tags, Real-time location systems, Operator identification, Access control, and Wireless sensors.




Similar Part No. - AS3932

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3932 AMSCO-AS3932 Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
logo
Sciosense B.V.
AS3932 SCIOSENSE-AS3932 Datasheet
907Kb / 50P
3D Low Frequency Wakeup Receiver
logo
ams AG
AS3932-BQFT AMSCO-AS3932-BQFT Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
AS3932-BTST AMSCO-AS3932-BTST Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
AS3932 AMSCO-AS3932_07 Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
More results


Similar Description - AS3932

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3931 AMSCO-AS3931 Datasheet
60Kb / 2P
3D Low Power Wake-up Receiver
AS3930 AMSCO-AS3930 Datasheet
1,008Kb / 33P
Single Channel Low Frequency Wakeup Receiver
logo
Texas Instruments
TMS37126 TI1-TMS37126 Datasheet
490Kb / 10P
REMOTE ACCESS IDENTIFICATION DEVICEWITH INTEGRATED 3D WAKEUP RECEIVER AND IMMOBILIZER INTERFACE
logo
ams AG
AS3930 AMSCO-AS3930_07 Datasheet
491Kb / 32P
Single Channel Low Frequency Wakeup Receiver
AS3931 AMSCO-AS3931_07 Datasheet
1Mb / 31P
3D Low Power Wakeup Receiver
AS3932 AMSCO-AS3932_07 Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
AS3933 AMSCO-AS3933 Datasheet
1Mb / 64P
3D Low Frequency Wake-Up Receiver
2015-Sep-02
logo
Sciosense B.V.
AS3930 SCIOSENSE-AS3930 Datasheet
913Kb / 44P
Single Channel Low Frequency Wakeup Receiver
AS3932 SCIOSENSE-AS3932 Datasheet
907Kb / 50P
3D Low Frequency Wakeup Receiver
AS3933 SCIOSENSE-AS3933 Datasheet
391Kb / 7P
LF Wakeup Receiver
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com