Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet(PDF) 1 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 1 Page - ams AG

  AS3932 Datasheet HTML 1Page - ams AG AS3932 Datasheet HTML 2Page - ams AG AS3932 Datasheet HTML 3Page - ams AG AS3932 Datasheet HTML 4Page - ams AG AS3932 Datasheet HTML 5Page - ams AG AS3932 Datasheet HTML 6Page - ams AG AS3932 Datasheet HTML 7Page - ams AG AS3932 Datasheet HTML 8Page - ams AG AS3932 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
AS3932
3D Low Frequency Wakeup Receiver
www.austriamicrosystems.com/AS3932
Revision 1.2
1 - 33
Data Sheet
1 General Description
The AS3932 is a 3-channel low power ASK receiver that is able to
generate a wakeup upon detection of a data signal which uses a LF
carrier frequency between 110 - 150 kHz. The integrated correlator
can be used for detection of a programmable 16-bit wakeup pattern.
The device can operate using one, two, or three active channels.
The AS3932 provides a digital RSSI value for each active channel, it
supports a programmable data rate and Manchester decoding with
clock recovery. The AS3932 offers a real-time clock (RTC), which is
either derived from a crystal oscillator or the internal RC oscillator.
The programmable features of AS3932 enable to optimize its
settings for achieving a longer distance while retaining a reliable
wakeup generation. The sensitivity level of AS3932 can be adjusted
in presence of a strong field or in noisy environments.
The device is available in 16 pin TSSOP and QFN 4x4 16LD
packages.
2 Key Features
3-channel ASK wakeup receiver
Carrier frequency range 110 - 150 kHz
One, two, or three channel operation
Reliable 1-, 2- or 3-D wakeup pattern detection
Programmable wakeup pattern (16bits)
Doubling of wakeup pattern supported
Wakeup without pattern detection supported
Wakeup sensitivity 100 µVRMS (typ.)
Adjustable sensitivity level
Highly resistant to false wakeups
False wakeup counter
Periodical forced wakeup supported (1s – 2h)
Low power listening modes
Current consumption in 3-channel listening mode 1.7 µA (typ.)
Data rate adjustable from 0.5- 4 kbps (Manchester)
Manchester decoding with clock recovery
Digital RSSI values available for each channel
Dynamic range 64dB
5 bit RSSI step (2dB per step)
RTC based on 32kHz XTAL, RC-OSC, or External Clock
Operating temperature range -40 to +85ºC
Operating supply voltage 2.4 - 3.6V (TA = 25ºC)
Bidirectional serial digital interface (SDI)
Package option 16 pin TSSOP, QFN 4x4 16LD
3 Applications
The AS3932 is ideal for Active RFID tags, Real-time location
systems, Operator identification, Access control, and Wireless
sensors.


Similar Part No. - AS3932

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3932 AMSCO-AS3932 Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
logo
Sciosense B.V.
AS3932 SCIOSENSE-AS3932 Datasheet
907Kb / 50P
3D Low Frequency Wakeup Receiver
logo
ams AG
AS3932-BQFT AMSCO-AS3932-BQFT Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
AS3932-BTST AMSCO-AS3932-BTST Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
AS3932 AMSCO-AS3932_07 Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
More results

Similar Description - AS3932

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3931 AMSCO-AS3931 Datasheet
60Kb / 2P
3D Low Power Wake-up Receiver
AS3930 AMSCO-AS3930 Datasheet
1,008Kb / 33P
Single Channel Low Frequency Wakeup Receiver
logo
Texas Instruments
TMS37126 TI1-TMS37126 Datasheet
490Kb / 10P
REMOTE ACCESS IDENTIFICATION DEVICEWITH INTEGRATED 3D WAKEUP RECEIVER AND IMMOBILIZER INTERFACE
logo
ams AG
AS3930 AMSCO-AS3930_07 Datasheet
491Kb / 32P
Single Channel Low Frequency Wakeup Receiver
AS3931 AMSCO-AS3931_07 Datasheet
1Mb / 31P
3D Low Power Wakeup Receiver
AS3932 AMSCO-AS3932_07 Datasheet
402Kb / 34P
3D Low Frequency Wakeup Receiver
AS3933 AMSCO-AS3933 Datasheet
1Mb / 64P
3D Low Frequency Wake-Up Receiver
2015-Sep-02
logo
Sciosense B.V.
AS3930 SCIOSENSE-AS3930 Datasheet
913Kb / 44P
Single Channel Low Frequency Wakeup Receiver
AS3932 SCIOSENSE-AS3932 Datasheet
907Kb / 50P
3D Low Frequency Wakeup Receiver
AS3933 SCIOSENSE-AS3933 Datasheet
391Kb / 7P
LF Wakeup Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com